Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 36Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 37Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 38Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 39Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 40Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 41Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 42Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 43Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
40
AT90S/LS4433
1042H–AVR–04/03
the TEMP Register. Consequently, the Low Byte TCNT1L must be accessed first for a
full 16-bit register read operation.
The Timer/Counter1 is realized as an up or up/down (in PWM mode) counter with read
and write access. If Timer/Counter1 is written to and a clock source is selected, the
Timer/Counter1 continues counting in the timer clock cycle after it is preset with the writ-
ten value.
Timer/Counter1 Output
Compare Register – OCR1H
and OCR1L
The Output Compare Register is a 16-bit read/write register.
The Timer/Counter1 Output Compare Register contains the data to be continuously
compared with Timer/Counter1. Actions on compare matches are specified in the
Timer/Counter1 Control and Status Register.
Since the Output Compare Register (OCR1) is a 16-bit register, a temporary register
TEMP is used when OCR1 is written to ensure that both bytes are updated simulta-
neously. When the CPU writes the High Byte, OCR1H, the data is temporarily stored in
the TEMP Register. When the CPU writes the Low Byte, OCR1L, the TEMP Register is
simultaneously written to OCR1H. Consequently, the High Byte OCR1H must be written
first for a full 16-bit register write operation.
The TEMP Register is also used when accessing TCNT1 and ICR1. If the main program
and interrupt routines perform access to registers using TEMP, interrupts must be dis-
abled during access from the main program.
Bit
15141312
11
10
9
8
$2B ($4B)
MSB
OCR1H
$2A ($4A)
LSB
OCR1L
76
543
210
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com