Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 33Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 34Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 35Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 36Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 37Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 38Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 39Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 40Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 126 page
background image
37
AT90S/LS4433
1042H–AVR–04/03
Timer/Counter1 Control
Register A – TCCR1A
• Bits 7, 6 – COM11, COM10: Compare Output Mode1, Bits 1, and 0
The COM11 and COM10 control bits determine any output pin action following a
Compare Match in Timer/Counter1. Any output pin actions affect pin OC1 (Output
Compare pin 1). This is an alternative function to an I/O port, and the corresponding
direction control bit must be set (one) to control an output pin. The control configuration
is shown in Table 10.
In PWM mode, these bits have a different function. Refer to Table 11 for a detailed
description.
• Bits 5..2 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and always read as zero.
• Bits 1, 0 – PWM11, PWM10: Pulse Width Modulator Select Bits
These bits select PWM operation of Timer/Counter1 as specified in Table 11. This mode
is described on page 41.
Bit
7
6
5
4
3
2
1
0
$2F ($4F)
COM11
COM10
–
–
–
–
PWM11
PWM10
TCCR1A
Read/Write
R/W
R/W
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 10. Compare 1 Mode Select
COM11
COM10
Description
0
0
Timer/Counter1 disconnected from output pin OC1
0
1
Toggle the OC1 output line.
1
0
Clear the OC1 output line (to zero).
1
1
Set the OC1 output line (to one).
Table 11. PWM Mode Select
PWM11
PWM10
Description
0
0
PWM operation of Timer/Counter1 is disabled
0
1
Timer/Counter1 is an 8-bit PWM
1
0
Timer/Counter1 is a 9-bit PWM
1
1
Timer/Counter1 is a 10-bit PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com