Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 48Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 49Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 50Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 51Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 52Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 53Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 54Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 55Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 126 page
background image
52
AT90S/LS4433
1042H–AVR–04/03
SPI Status Register – SPSR
• Bit 7 – SPIF: SPI Interrupt Flag
When a serial transfer is complete, the SPIF bit is set (one) and an interrupt is gener-
ated if SPIE in SPCR is set (one) and global interrupts are enabled. If SS is an input and
is driven low when the SPI is in Master mode, this will also set the SPIF Flag. SPIF is
cleared by hardware when executing the corresponding interrupt handling vector. Alter-
natively, the SPIF bit is cleared by first reading the SPI Status Register with SPIF set
(one), then by accessing the SPI Data Register (SPDR).
• Bit 6 – WCOL: Write Collision Flag
The WCOL bit is set if the SPI Data Register (SPDR) is written during a data transfer.
The WCOL bit (and the SPIF bit) are cleared (zero) by first reading the SPI Status Reg-
ister with WCOL set (one), and then by accessing the SPI Data Register.
• Bits 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and will always read as zero.
The SPI interface on the AT90S4433 is also used for Program memory and EEPROM
downloading or uploading. See page 93 for Serial Programming and verification.
SPI Data Register – SPDR
The SPI Data Register is a read/write register used for data transfer between the Regis-
ter File and the SPI Shift Register. Writing to the register initiates data transmission.
Reading the register causes the Shift Register Receive buffer to be read.
Bit
7654
321
0
$0E ($2E)
SPIF
WCOL
–
–
–
–
–
–
SPSR
Read/Write
R
RRRR
RRR
Initial Value
0000
000
0
Bit
7654
321
0
$0F ($2F)
MSB
LSB
SPDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
X
X
X
X
X
X
X
X
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com