Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 92Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 93Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 94Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 95Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 96Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 97Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 98Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 99Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 126 page
background image
96
AT90S/LS4433
1042H–AVR–04/03
Note:
1. The signature bytes are not readable in lock mode 3, i.e., both Lock bits programmed.
a = address high bits
b = address low bits
H = 0 – Low Byte, 1 – High Byte
o = data out
i = data in
x = don’t care
1 = Lock bit 1
2 = Lock bit 2
3 = CKSEL0 Fuse
4 = CKSEL1 Fuse
5 = CKSEL2 Fuse
6 = BODEN Fuse
7 = BODLEVEL Fuse
8 = SPIEN Fuse
Table 35. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable Serial Programming while
RESET is low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase Flash and EEPROM
memory arrays.
Read Program Memory
0010 H000
xxxx xaaa
bbbb bbbb
oooo oooo
Read H (high or low) data o from
program memory at word address
a:b.
Write Program Memory
0100 H000
xxxx xaaa
bbbb bbbb
iiii iiii
Write H (high or low) data i to
program memory at word address
a:b.
Read EEPROM
Memory
1010 0000
xxxx xxxx
bbbb bbbb
oooo oooo
Read data o from EEPROM memory
at address a:b.
Write EEPROM
Memory
1100 0000
xxxx xxxx
bbbb bbbb
iiii iiii
Write data i to EEPROM memory at
address a:b.
Write Lock Bits
1010 1100
1111 1211
xxxx xxxx
xxxx xxxx
Write Lock bits. Set bits 1,2= “0” to
program Lock bits.
Read Lock Bits
0101 1000
xxxx xxxx
xxxx xxxx
xxxx x21x
Read Lock bits. “0” = programmed,
“1” = unprogrammed.
Read Sigature Bytes
0011 0000
xxxx xxxx
xxxx xxbb
oooo oooo
Read signature byte o at address b.(1)
Write Fuse Bits
1010 1100
1017 6543
xxxx xxxx
xxxx xxxx
Set bits 7 - 3 = “0” to program, “1” to
unprogram.
Read Fuse Bits
0101 0000
xxxx xxxx
xxxx xxxx
xx87 6543
Read Fuse bits. “0” = programmed,
“1” = unprogrammed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com