Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 80Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 81Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 82Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 83Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 84Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 85Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 86Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 87Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 126 page
background image
84
AT90S/LS4433
1042H–AVR–04/03
Figure 60. Port D Schematic Diagram (Pins PD4 and PD5)
Figure 61. Port D Schematic Diagram (Pins PD6 and PD7)
WP:
WD:
RL:
RP:
RD:
n:
WRITE PORTD
WRITE DDRD
READ PORTD LATCH
READ PORTD PIN
READ DDRD
4, 5
PDn
PORTBn
DDDn
2
D
D
Q
Q
RESET
RESET
C
C
WD
WP
RD
MOS
PULL-
UP
PDn
AINm
TO COMPARATOR
WP:
WD:
RL:
RP:
RD:
n:
m:
WRITE PORTD
WRITE DDRD
READ PORTD LATCH
READ PORTD PIN
READ DDRD
6, 7
0, 1
PWRDN
DDDn
PORTDn
RL
RP
PWRDN:
POWER DOWN MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com