Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 76Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 77Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 78Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 79Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 80Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 81Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 82Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 83Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 126 page
background image
80
AT90S/LS4433
1042H–AVR–04/03
Port D
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors.
Three I/O memory address locations are allocated for Port D, one each for the Data
Register – PORTD, $12($32), Data Direction Register – DDRD, $11($31), and the Port
D Input Pins – PIND, $10($30). The Port D Input Pins address is read only, while the
Data Register and the Data Direction Register are read/write.
The Port D output buffers can sink 20 mA. As inputs, Port D pins that are externally
pulled low will source current if the pull-up resistors are activated.
Some Port D pins have alternate functions as shown in Table 26.
Port D Data Register – PORTD
Port D Data Direction Register
– DDRD
Port D Input Pins Address –
PIND
The Port D Input Pins address (PIND) is not a register; this address enables access to
the physical value on each Port D pin. When reading PORTD, the Port D Data Latch is
read, and when reading PIND, the logical values present on the pins are read.
Table 26. Port D Pin Alternate Functions
Port Pin
Alternate Function
PD0
RXD (UART Input Line)
PD1
TXD (UART Output Line)
PD2
INT0 (External Interrupt 0 Input)
PD3
INT1 (External Interrupt 1 Input)
PD4
T0 (Timer/Counter 0 External Counter Input)
PD5
T1 (Timer/Counter 1 External Counter Input)
PD6
AIN0 (Analog Comparator Positive Input)
PD7
AIN1 (Analog Comparator Negative Input)
Bit
76543210
$12 ($32)
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
PORTD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
$11 ($31)
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
DDRD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
$10 ($30)
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
PIND
Read/Write
RRRRRRRR
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com