Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 25Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 26Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 27Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 28Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 29Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 30Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 31Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 32Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 126 page
background image
29
AT90S/LS4433
1042H–AVR–04/03
Timer/Counter Interrupt Flag
Register – TIFR
• Bit 7 – TOV1: Timer/Counter1 Overflow Flag
The TOV1 is set (one) when an overflow occurs in Timer/Counter1. TOV1 is cleared by
hardware when executing the corresponding interrupt handling vector. Alternatively,
TOV1 is cleared by writing a logical “1” to the flag. When the I-bit in SREG and TOIE1
(T im er/Co u n t er1 Ove r flow Inte rrup t En able) an d TO V1 a r e set (o ne) , th e
Timer/Counter1 Overflow Interrupt is executed. In PWM mode, this bit is set when
Timer/Counter1 advances from $0000.
• Bit 6 – OCF1: Output Compare Flag 1
The OCF1 bit is set (one) when a Compare Match occurs between the Timer/Counter1
and the data in Output Compare Register 1 (OCR1). OCF1 is cleared by hardware when
executing the corresponding interrupt handling vector. Alternatively, OCF1 is cleared by
writing a logical “1” to the flag. When the I-bit in SREG and OCIE1 (Timer/Counter1
Compare Match Interrupt A Enable) and the OCF1 are set (one), the Timer/Counter1
Compare Match Interrupt is executed.
• Bits 5, 4 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and always read as zero.
• Bit 3 – ICF1: Input Capture Flag 1
The ICF1 bit is set (one) to flag an Input Capture Event, indicating that the
Timer/Counter1 value has been transferred to the Input Capture Register (ICR1). ICF1
is cleared by hardware when executing the corresponding interrupt handling vector.
Alternatively, ICF1 is cleared by writing a logical “1” to the flag. When the SREG I-bit
and TICIE1 (Timer/Counter1 Input Capture Interrupt Enable) and ICF1 are set (one), the
Timer/Counter1 Capture Interrupt is executed.
• Bit 2 – Res: Reserved Bit
This bit is a reserved bit in the AT90S4433 and always reads as zero.
• Bit 1 – TOV0: Timer/Counter0 Overflow Flag
The bit TOV0 is set (one) when an overflow occurs in Timer/Counter0. TOV0 is cleared
by hardware when executing the corresponding interrupt handling vector. Alternatively,
TOV0 is cleared by writing a logical “1” to the flag. When the SREG I-bit and TOIE0
(T im er/Co u n t er0 Ove r flow Inte rrup t En able) an d TO V0 a r e set (o ne) , th e
Timer/Counter0 Overflow Interrupt is executed.
• Bit 0 – Res: Reserved Bit
This bit is a reserved bit in the AT90S4433 and always reads as zero.
Bit
7
6
5
4
3
2
1
0
$38 ($58)
TOV1
OCF1
–
–
ICF1
–
TOV0
–
TIFR
Read/Write
R/W
R/W
R
R
R/W
R
R/W
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com