Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 90Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 91Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 92Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 93Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 94Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 95Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 96Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 97Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 126 page
background image
94
AT90S/LS4433
1042H–AVR–04/03
ing the third byte of the Programming Enable instruction. Whether or not the
echo is correct, all four bytes of the instruction must be transmitted. If the $53 did
not echo back, give SCK a positive pulse and issue a new Programming Enable
instruction. If the $53 is not seen within 32 attempts, there is no functional device
connected.
4.
If a Chip Erase is performed (must be done to erase the Flash), wait t
WD_ERASE
after the instruction, give RESET a positive pulse, and start over from step 2.
See Table 37 on page 97 for t
WD_ERASE value.
5.
The Flash or EEPROM array is programmed one byte at a time by supplying the
address and data together with the appropriate Write instruction. An EEPROM
memory location is first automatically erased before new data is written. Use
data polling to detect when the next byte in the Flash or EEPROM can be writ-
ten. If polling is not used, wait t
WD_PROG before transmitting the next instruction. In
an erased device, no $FFs in the data file(s) need to be programmed. See Table
38 on page 97 for t
WD_PROG value.
6.
Any memory location can be verified by using the Read instruction, which returns
the content at the selected address at serial output MISO/PB4.
7.
At the end of the programming session, RESET can be set high to commence
normal operation.
8.
Power-off sequence (if needed):
Set XTAL1 to “0” (if a crystal is not used).
Set RESET to “1”.
Turn V
CC power off.
Data Polling EEPROM
When a byte is being programmed into the EEPROM, reading the address location
being programmed will give the value P1 until the auto-erase is finished, and then the
value P2. See Table 34 for P1 and P2 values.
At the time the device is ready for a new EEPROM byte, the programmed value will read
correctly. This is used to determine when the next byte can be written. This will not work
for the values P1 and P2, so when programming these values, the user will have to wait
for at least the prescribed time t
WD_PROG before programming the next byte. See Table
38 for t
WD_PROG value. As a chip-erased device contains $FF in all locations, program-
ming of addresses that are meant to contain $FF can be skipped. This does not apply if
the EEPROM is reprogrammed without first Chip Erasing the device.
Table 34. Read Back Value during EEPROM Polling
Part
P1
P2
AT90S/LS4433
$00
$FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com