Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433-4PI Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 24Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 25Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 26Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 27Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 28Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 29Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 30Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 31Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 126 page
background image
28
AT90S/LS4433
1042H–AVR–04/03
• Bit 6 – INTF0: External Interrupt Flag0
When an edge on the INT0 pin triggers an interrupt request, the corresponding Interrupt
Flag, INTF0 becomes set (one). If the I-bit in SREG and the corresponding interrupt
enable bit, INT0 in GIMSK is set (one), the MCU will jump to the Interrupt Vector. The
flag is always cleared when the interrupt routine is executed. Alternatively, the flag is
cleared by writing a logical “1” to it. This flag is always cleared when INT0 is configured
as level interrupt.
• Bits 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and always read as zero.
Timer/Counter Interrupt Mask
Register – TIMSK
• Bit 7 – TOIE1: Timer/Counter1 Overflow Interrupt Enable
When the TOIE1 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 Overflow Interrupt is enabled. The corresponding interrupt (at vector
$005) is executed if an overflow in Timer/Counter1 occurs, i.e., when the TOV1 bit is set
in the Timer/Counter Interrupt Flag Register (TIFR).
• Bit 6 – OCIE1: Timer/Counter1 Output Compare Match Interrupt Enable
When the OCIE1 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 Compare Match Interrupt is enabled. The corresponding interrupt (at
vector $004) is executed if a compare match in Timer/Counter1 occurs, i.e., when the
OCF1 bit is set in the Timer/Counter Interrupt Flag Register (TIFR).
• Bits 5, 4 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and always read as zero.
• Bit 3 – TICIE1: Timer/Counter1 Input Capture Interrupt Enable
When the TICIE1 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 Input Capture Event Interrupt is enabled. The corresponding interrupt
(at vector $003) is executed if a capture-triggering event occurs on pin 14, PB0 (ICP),
i.e., when the ICF1 bit is set in the Timer/Counter Interrupt Flag Register (TIFR).
• Bit 2 – Res: Reserved Bit
This bit is a reserved bit in the AT90S4433 and always reads as zero.
• Bit 1 – TOIE0: Timer/Counter0 Overflow Interrupt Enable
When the TOIE0 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter0 Overflow Interrupt is enabled. The corresponding interrupt (at vector
$006) is executed if an overflow in Timer/Counter0 occurs, i.e., when the TOV0 bit is set
in the Timer/Counter Interrupt Flag Register (TIFR).
• Bit 0 – Res: Reserved Bit
This bit is a reserved bit in the AT90S4433 and always reads as zero.
Bit
7
6
5
4
3
2
1
0
$39 ($59)
TOIE1
OCIE1
–
–
TICIE1
–
TOIE0
–
TIMSK
Read/Write
R/W
R/W
R
R
R/W
R
R/W
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com