Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 33Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 34Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 35Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 36Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 37Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 38Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 39Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 40Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 295 page
background image
WM8962
Rev 4.3
37
INPUT SIGNAL PATH
The WM8962 has many analogue input channels, configurable in combinations of up to eight mono
inputs or four stereo inputs.
Any of the analogue inputs may be connected to the input PGA on the associated left or right channel.
(Note that only one analogue input can be connected to the PGA at any time; the PGA does not
perform any signal mixing.)
The left and right analogue inputs IN2 and IN3 can be connected to the input boost mixer on the
associated left or right channel, bypassing the input PGA.
Note that the input signal path audio performance is affected by the choice of signal path. Best
performance is achieved using analogue inputs IN2 or IN3 connected directly to the input boost mixer.
The performance of the input signal paths are ranked as described in the list below (best performance
first).
IN2 or IN3 connected directly to the input boost mixer
IN1 or IN4 connected via the input PGA
IN2 or IN3 connected via the input PGA
The left and right analogue inputs IN4 can be connected directly to the output signal mixers, which
drive the headphone or speaker outputs.
The input signal paths and the control registers are shown in Figure 13.
IN1R
IN4R
+
+
ADC
DIGITAL
FILTERS
ALC
Wind noise
Filter
Volume
INPGAL_ENA
or
INL_ENA
INPGAR_ENA
or
INR_ENA
PGAL
PGAR
IN1R_TO_INPGAR
IN4R_TO_INPGAR
INL_VOL
IN_VU
INL_ZC
INPGAL_MUTE
INR_VOL
IN_VU
INR_ZC
INPGAR_MUTE
MIXINL
MIXINL_ENA
or
INL_ENA
MIXINR_ENA
or
INR_ENA
MIXINR_MUTE
ADC
ADC
WM8962
INPGAL_TO_MIXINL / INPGAL_MIXINL_VOL
INPGAR_TO_MIXINR / INPGAR_MIXINR_VOL
VMID
VMID
IN2R
IN3R
IN2R_TO_INPGAR
IN3R_TO_INPGAR
IN1L
IN4L
IN1L_TO_INPGAL
IN4L_TO_INPGAL
IN2L
IN3L
IN2L_TO_INPGAL
IN3L_TO_INPGAL
IN3R_TO_MIXINR / IN3R_MIXINR_VOL
IN2R_TO_MIXINR / IN2R_MIXINR_VOL
To Left and Right Speaker
and Headphone Mixers
To Left and Right Speaker
and Headphone Mixers
IN2L_TO_MIXINL / IN2L_MIXINL_VOL
IN3L_TO_MIXINL / IN3L_MIXINL_VOL
MIXINL_MUTE
MIXINR
+
+
Figure 13 Analogue Input Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com