Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 95Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 96Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 97Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 98Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 99Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 100Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 101Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 102Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 295 page
background image
WM8962
Rev 4.3
99
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:1
EQL_B3_GAIN[4:
0]
01100
Left Channel Band 3 EQ Gain
0_0000 = -12dB
0_0001 = -11dB
…1dB steps to
1_1000 = +12dB
1_1001 to 1_1111 reserved
See Table 54 for the full range
R337 (0151h)
EQ2
15:11
EQL_B4_GAIN[4:
0]
01100
Left Channel Band 4 EQ Gain
0_0000 = -12dB
0_0001 = -11dB
…1dB steps to
1_1000 = +12dB
1_1001 to 1_1111 reserved
See Table 54 for the full range
10:6
EQL_B5_GAIN[4:
0]
01100
Left Channel Band 5 EQ Gain
0_0000 = -12dB
0_0001 = -11dB
…1dB steps to
1_1000 = +12dB
1_1001 to 1_1111 reserved
See Table 54 for the full range
R356 (0164h)
EQ2
15:11
EQR_B1_GAIN[4:
0]
01100
Right Channel Band 1 EQ Gain
0_0000 = -12dB
0_0001 = -11dB
…1dB steps to
1_1000 = +12dB
1_1001 to 1_1111 reserved
See Table 54 for the full range
10:6
EQR_B2_GAIN[4:
0]
01100
Right Channel Band 2 EQ Gain
0_0000 = -12dB
0_0001 = -11dB
…1dB steps to
1_1000 = +12dB
1_1001 to 1_1111 reserved
See Table 54 for the full range
5:1
EQR_B3_GAIN[4:
0]
01100
Right Channel Band 3 EQ Gain
0_0000 = -12dB
0_0001 = -11dB
…1dB steps to
1_1000 = +12dB
1_1001 to 1_1111 reserved
See Table 54 for the full range
R357 (0165h)
EQ2
15:11
EQR_B4_GAIN[4:
0]
01100
Right Channel Band 4 EQ Gain
0_0000 = -12dB
0_0001 = -11dB
…1dB steps to
1_1000 = +12dB
1_1001 to 1_1111 reserved
See Table 54 for the full range
10:6
EQR_B5_GAIN[4:
0]
01100
Right Channel Band 5 EQ Gain
0_0000 = -12dB
0_0001 = -11dB
…1dB steps to
1_1000 = +12dB
1_1001 to 1_1111 reserved
See Table 54 for the full range
Table 53 5-Band EQ Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com