Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 79Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 80Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 81Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 82Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 83Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 84Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 85Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 86Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 295 page
background image
WM8962
Rev 4.3
83
ADC RETUNE
DF1 Filter
ADC
ReTune
TM
First Order
LPF/HPF
ADC Signal Enhancement path
DRC
3D Surround
Second Order
HPF
The ReTune function is part of both the ADC and the DAC Signal Enhancement paths. It can be
enabled on either path independently. Unique coefficient sets are supported for each path.
ReTuneTM is an advanced feature that is intended to perform frequency linearisation according to the
particular needs of the application microphone, loudspeaker or housing. The ReTune algorithms can
provide acoustic equalisation and selective phase (delay) control of specific frequency bands. In a
typical application, ReTune™ is used to flatten the response across the audio frequency band.
ReTune™ can also be configured to achieve other response patterns if required.
Note that, when using ReTune™ to boost any frequency band, it is recommended to take care not to
introduce distortion, taking into account the gain that may be applied by other audio enhancement
functions.
Before ReTuneTM is enabled, it must be initialised and configured using the DSP2_ENA bit described
in Table 37. Note that this bit only needs to be enabled once before using any or all of ADC ReTune,
DAC ReTune, DAC HPF, VSS or HD Bass.
Note that specific sequences must be followed when enabling or configuring ADC ReTune, DAC
ReTune, DAC HPF, VSS, and HD
Bass sound enhancement functions (see “Enable Sequence -
Enhancements Initially Disabled
”).
The ReTune function is enabled on the ADC path using the RTN_ADC_ENA register bit as described
in Table 37. Under default conditions, the Left and Right channels each use unique tuning coefficients.
When the ADC_RETUNE_SCV register is set, then both channels are controlled by the Right channel
coefficients.
For the derivation of ADC ReTune configuration parameters in registers R17920 to R19007, the Cirrus
WISCE™ software must be used to analyse the requirements of the application (refer to WISCETM for
further information.) If desired, one or more sets of register coefficients might be derived for different
operating scenarios, and these may be recalled and written to the CODEC registers as required in the
target application. The ADC ReTune configuration procedure involves the generation and analysis of
test signals as outlined below. Note that DSP2_ENA must be enabled before there is any type of
access of any of the parameters associated with ADC ReTune.
To determine the characteristics of the microphone in an application, a test signal is applied to a
loudspeaker that is in the acoustic path to the microphone. The received signal through the application
microphone is analysed and compared with the received signal from a reference microphone in order
to determine the characteristics of the application microphone.
Note that the ReTune configuration coefficients are specific to a particular speaker or microphone; it is
therefore required that the part-to-part variation in these components is small.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com