Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 16Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 17Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 18Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 19Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 20Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 21Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 22Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 23Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 295 page
background image
WM8962
20
Rev 4.3
Test Conditions
MICVDD = DCVDD = DBVDD = CPVDD = AVDD = PLLVDD = 1.8V, SPKVDD1 = SPKVDD2 = 5V.
TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Consumption
AVDD
IAVDD
OFF: power applied,
all clocks stopped,
thermal shut-down enabled
40
75
µA
DCVDD
IDCVDD
3
25
µA
DBVDD
IDBVDD
0
10
µA
CPVDD
ICPVDD
0.5
10
µA
SPKVDD1
ISPKVDD1
1
5
µA
SPKVDD2
ISPKVDD2
1
5
µA
MICVDD
IMICVDD
0.2
5
µA
PLLVDD
IPLLVDD1
7
30
µA
MICVDD
IMICVDD
SPKVDD1=SPKVDD2=5V,
MICVDD=2.5V,
All other supplies
disconnected
0.2
5
µA
SPKVDD1
ISPKVDD1
0.2
5
µA
SPKVDD2
ISPKVDD2
0.2
5
µA
MICVDD
IMICVDD
SPKVDD1=SPKVDD2=5V,
MICVDD=2.5V,
All other supplies 0V
0.2
5
µA
SPKVDD1
ISPKVDD1
0.2
5
µA
SPKVDD2
ISPKVDD2
0.2
5
µA
Note:
1.
If AVDD
1.8, current threshold values should be multiplied by (AVDD/1.8)
2.
Four different bias configurations are supported for ADC input paths; these are defined in the “Reference Voltages and Bias
Control
” section.
3.
Two different bias c
onfigurations are supported for the DAC / Headphone output paths; these are defined in the “Reference
Voltages and Bias Control
” section.
4.
N = number of clock periods in one sample.
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB)
– SNR is a measure of the difference in level between the maximum full scale output signal and the
output with no input signal applied.
2.
Total Harmonic Distortion (dB)
– THD is the level of the rms value of the sum of harmonic distortion products relative to the
amplitude of the measured output signal.
3.
Total Harmonic Distortion plus Noise (dB)
– THD+N is the level of the rms value of the sum of harmonic distortion products
plus noise in the specified bandwidth relative to the amplitude of the measured output signal.
4.
Channel Separation (L/R) (dB)
– left-to-right and right-to-left channel separation is the measured signal level in the idle
channel at the test signal frequency relative to the signal level at the output of the active channel. The active channel is
configured and supplied with an appropriate input signal to drive a full scale output, with signal measured at the output of the
associated idle channel.
5.
Mute Attenuation
– This is a measure of the difference in level between the full scale output signal and the output with mute
applied.
6.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to use such
a filter will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The low pass filter
removes out of band noise; although it is not audible it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com