Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 91Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 92Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 93Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 94Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 95Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 96Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 97Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 98Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 295 page
background image
WM8962
Rev 4.3
95
T-LOOPBACK
The T-Loopback function provides a specialised mode for use in communications applications such as
VOIP handset configurations. The T-Loopback configuration provides a mono ADC and mono DAC
signal to be output via the Digital Audio Interface transmit path. This allows Acoustic Echo
Cancellation to be performed using difference algorithms implemented on an external processor.
T-Loopback is enabled by setting the TLB_ENA register bit, as described in Table 51.
When T-Loopback is enabled, the Digital Audio Interface outputs are configured according to the
TLB_MODE bit, as described below.
DESCRIPTION
LEFT AIF OUTPUT
RIGHT AIF OUTPUT
TLB_MODE = 0
Left ADC
(Left DAC + Right DAC)/2
TLB_MODE = 1
(Left DAC + Right DAC)/2
Right ADC
Table 50 T-Loopback Mode Select
Note that the Left ADC and Right ADC signals can be digitally mixed, if required. This enables the
sum of the Left and Right ADC channels to be output in T-Loopback. The ADC Monomix feature is
described in the “ADC Monomix” section.
Note that the Left DAC and Right DAC signals used in the T-Loopback are also controlled by the DAC
Digital Volume controls (see “Digital-to-Analogue Converter (DAC)”). It is possible to output just a
single DAC channel in T-Loopback mode by setting the Digital Volume to zero in the unwanted
channel.
The register bits associated with T-Loopback are described in Table 51.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R285 (011Dh)
Tloopback
1
TLB_ENA
0
T-Loopback Enable
0 = Disabled
1 = Enabled
0
TLB_MODE
0
T-Loopback Mode Select
0: Left AIF Output = Left ADC; Right AIF
Output = (Left DAC + Right DAC) / 2
1: Left AIF Output = (Left DAC + Right
DAC) / 2; Right AIF Output = Right ADC
Table 51 T-Loopback Control
The signal paths when T-Loopback is enabled (TLB_ENA = 1) are illustrated in Figure 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com