Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 72Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 73Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 74Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 75Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 76Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 77Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 78Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 79Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 295 page
background image
WM8962
76
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC & DAC
Control 1
0
ADC_HPF_DIS
0
ADC High-Pass Filter Disable
0 = Enable
1 = Disable
R6 (06h)
ADC & DAC
Control 2
13:12
ADC_HPF_SR [1:0]
10
ADC High-Pass Filter Sample rate
00 = 8k, 11.025k, 12k
01 = 16k, 22.025k, 24k
10 = 32k, 44.1, 48k
11 = 88.2k, 96k
This field is for read-back only; it is
set automatically and cannot be
adjusted
10
ADC_HPF_MODE
0
ADC High-Pass Filter Mode select
0 = Hi-Fi mode (1st order)
1 = Application mode (2nd order)
9:7
ADC_HPF_CUT[2:0]
000
ADC High-Pass Filter Cutoff
Note that the cut-off frequency
scales with sample rate. See
Table 32 for cut-off frequencies at
all supported sample rates
Table 31 ADC High-Pass Filter
SAMPLE
FREQUENCY
(
kHz)
CUT-OFF FREQUENCY (Hz)
HI-FI
MODE
APPLICATION MODE / ADC_HPF_CUT[2:0]
000
001
010
011
100
101
110
111
8.000
3.0
80.5
100.5
129.0
160.5
200.5
256.5
320.5
400.5
11.025
4.5
111.0
138.5
177.5
221.0
276.5
353.0
442.0
551.5
12.000
4.5
120.5
151.0
193.0
240.5
300.5
384.5
481.0
600.5
16.000
3.0
80.0
101.0
129.0
161.0
200.5
256.5
321.0
401.0
22.050
4.5
110.5
139.0
177.5
221.5
276.0
353.5
442.0
552.5
24.000
4.5
120.5
151.5
193.5
241.5
300.5
385.0
481.5
601.0
32.000
2.5
80.0
101.5
129.0
160.5
200.0
257.5
320.0
401.0
44.100
3.5
110.0
139.5
177.5
221.0
275.5
355.0
441.0
552.5
48.000
4.0
119.5
152.0
193.0
240.5
300.0
386.5
480.0
601.0
88.200
3.5
112.5
139.0
177.0
220.0
274.0
355.0
442.0
551.0
96.000
4.0
122.5
151.5
192.5
239.5
298.0
386.5
481.0
600.0
Note:
‘Hi-Fi Mode’ refers to the mode when ADC_HPF_MODE = 0 (first order filtering and a cut-
off frequency of 3.5Hz at a sample rate of 44.1kHz); ‘Application Mode’ refers to the mode when
ADC_HPF_MODE = 1 (second order filtering and the cut-off frequency set by ADC_HPF_CUT)
Table 32 ADC High-Pass Filter Cut-Off Frequencies
The high-pass filter characteristics are shown in the
“Digital Filter Characteristics” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com