Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 75Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 76Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 77Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 78Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 79Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 80Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 81Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 82Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 295 page
background image
WM8962
Rev 4.3
79
THREED_LHPF_MODE register bit. This is typically used to filter out fixed-frequency noise or
resonances.
The 3D Surround High-Pass / Low-Pass filter can be programmed using the THREED_LHPF_COEFF
register field (R270). For the derivation of this parameter, refer to the WISCETM configuration tool
supplied with the WM8962 Evaluation Kit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R268 (010Ch)
THREED1
5
THREED_SIGNL
0
3D Left Cross mixing polarity (from
the right channel to the left)
0 = Positive
1 = Negative
4
THREED_SIGNR
0
3D Right Cross mixing polarity (from
the left channel to the right)
0 = Positive
1 = Negative
2
THREED_LHPF_
MODE
0
3D Low/High-Pass filter mode
0 = Low-Pass
1 = High-Pass
1
THREED_LHPF_
ENA
0
3D Low/High-Pass filter enable
0 = Disabled
1 = Enabled
0
THREED_ENA
0
3D Surround Sound enable
0 = Disabled
1 = Enabled
Note that setting THREED_ENA will
cause any ADC_MONOMIX setting
to be ignored
R269 (010Dh)
THREED2
15:11
THREED_FGAIN
L [4:0]
00000
3D Left Forward Gain
00000 = Mute
00001 = -11.25dB
00010 = -10.875dB
(…in steps of -0.375dB)
11110 = -0.375dB
11111 = 0.0dB
See Table 35 for a full list of gain
settings
10:6
THREED_CGAIN
L [4:0]
00000
3D Left Cross Gain (from the right
channel to the left)
00000 = Mute
00001 = -11.25dB
00010 = -10.875dB
(…in steps of -0.375dB)
11110 = -0.375dB
11111 = 0.0dB
See Table 35 for a full list of gain
settings
5:2
THREED_DELAY
L [3:0]
0000
3D Left Filter Delay (measured from
the sample rate)
0000 = 0 samples
0001 = 1 samples
0010 = 2 samples
0011 = 3 samples
0100 = 4 samples
0101 = 5 samples
0110 = 6 samples
0111 = 7 samples
1000 = 8 samples
1001 to 1111 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com