Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 67Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 68Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 69Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 70Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 71Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 72Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 73Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 74Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 295 page
background image
WM8962
Rev 4.3
71
14. Set DAC_MUTE = 0 in Register R5 (5h) (see Table 63)
Note that the DAC high pass filters cannot be enabled unless one or more other sound enhancement
functions is enabled. If HPF1_ENA = 1 or HPF2_ENA = 1, then at least one other of the enable bits in
Register R16389 must also be set (ie. RTN_ADC_ENA, RTN_DAC_ENA, HDBASS_ENA or
VSS_ENA).
Note that DSP2_ENA in Register R768 (300h) must remain asserted whenever any of the sound
enhancement functions listed above is being used.
ENABLE / DISABLE SEQUENCE - ENHANCEMENTS INITIALLY ENABLED
When enabling or disabling any of ADC ReTune, DAC ReTune, DAC 2nd order HPF, VSS, or HD
Bass, the following sequence is required.
Note that this sequence assumes that, under initial conditions, one or more of these enhancement
functions is enabled. A separate sequence is described for use when the sound enhancements are
initially disabled.
Note that this sequence assumes that the applicable enhancement functions have already been
configured (using default settings or otherwise). This sequence is only for enabling/disabling the
selected functions. Separate sequences are described for configuring any of the sound enhancement
functions.
1.
Set ADCL_VOL = 00h in Register R21 (15h), and ADCR_VOL = 00h in Register R22 (16h)
(see Table 26)
2.
Set DAC_MUTE = 1 in Register R5 (5h) (see Table 63)
3.
Set the enable bits in Register R16389 (4005h) for any required sound enhancement
RTN_ADC_ENA
RTN_DAC_ENA
HDBASS_ENA
HPF1_ENA (see note below)
HPF2_ENA (see note below)
VSS_ENA
4.
Set ADCL_VOL in Register R21 (15h), and ADCR_VOL in Register R22 (16h), to their
previous values
5.
Set DAC_MUTE = 0 in Register R5 (5h) (see Table 63)
Note that the DAC high pass filters cannot be enabled unless one or more other sound enhancement
functions is enabled. If HPF1_ENA = 1 or HPF2_ENA = 1, then at least one other of the enable bits in
Register R16389 must also be set (ie. RTN_ADC_ENA, RTN_DAC_ENA, HDBASS_ENA or
VSS_ENA).
Note that DSP2_ENA in Register R768 (300h) must remain asserted whenever any of the sound
enhancement functions listed above is being used.
To disable all sound enhancement functions, refer to the control sequence described in the next
section (“Disable All Sound Enhancements”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com