Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 87Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 88Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 89Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 90Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 91Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 92Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 93Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 94Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 295 page
background image
WM8962
Rev 4.3
91
DRC SIGNAL ACTIVITY DETECT
The DRC incorporates a configurable signal detect function, allowing the signal level at the DRC input
to be monitored and to be used to trigger other events. This can be used to detect the presence of a
microphone signal on an ADC channel, or can be used to detect an audio signal received over the
digital audio interface.
The Peak signal level or the RMS signal level of the DRC input can be selected as the detection
threshold. When the threshold condition is exceeded, an interrupt or GPIO output can be generated.
See “General Purpose Input/Output (GPIO)” and “Interrupts” for further details.
When the DRC is enabled, then signal activity detection can be enabled by setting the
DRC_SIG_DET register bit. The applicable threshold can be defined either as a Peak level (Crest
Factor) or an RMS level, depending on the DRC_SIG_DET_MODE register bit. When Peak level is
selected, the threshold is determined by DRC_SIG_DET_PK, which defines the applicable Crest
Factor (Peak to RMS ratio) threshold. If RMS level is selected, then the threshold is set using
DRC_SIG_DET_RMS. These register fields are described in Table 45.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R276 (0114h)
DRC1
14:10
DRC_SIG_DET_
RMS [4:0]
00000
DRC Signal Detect RMS Threshold.
This is the RMS signal level for signal
detect to be indicated when
DRC_SIG_DET_MODE=1.
00000 = -27dB
00001 = -28.5dB
…. (1.5dB steps)
11110 = -72dB
11111 = -73.5dB
9:8
DRC_SIG_DET_
PK [1:0]
00
DRC Signal Detect Peak Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
DRC_SIG_DET_MODE=0.
00 = 14dB
01 = 20dB
10 = 26dB
11 = 32dB
6
DRC_SIG_DET_
MODE
0
DRC Signal Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
5
DRC_SIG_DET
0
DRC Signal Detect Enable
0 = Disabled
1 = Enabled
Table 45 DRC Signal Activity Detect GPIO/Interrupt Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com