Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 59Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 60Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 61Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 62Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 63Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 64Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 65Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 66Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 295 page
background image
WM8962
Rev 4.3
63
DIGITAL MICROPHONE INTERFACE
The WM8962 supports a stereo digital microphone interface. Two channels of audio data are
multiplexed on a GPIO pin configured for digital microphone input.
The digital microphone data input (DMICDAT) is provided on GPIO5 or GPIO6 by setting the
respective GPn_FN register to 1_0100. The associated clock (DMICCLK) is provided on a separate
GPIO pin by setting the respective
GPn_FN register to 1_0011. See “General Purpose Input/Output
(GPIO)
” section for details on these registers.
Note that care must be taken to ensure that the respective digital logic levels of the microphone are
compatible with the digital input thresholds of the WM8962. The digital input thresholds are referenced
to DBVDD, as defined in “Electrical Characteristics”. It is recommended to power the digital
microphones from DBVDD.
When digital microphone input is enabled, the WM8962 outputs a clock signal (DMICCLK) on the
Digital Microphone Clock Output pin (this must be configured on one of the GPIO pins). The clock
frequency for all supported digital microphone clocking modes is described later in this section.
A pair of digital microphones is connected as illustrated in Figure 21. The microphones must be
configured to ensure that the Left mic transmits a data bit when DMICCLK is high, and the Right mic
transmits a data bit when DMICCLK is low. The WM8962 samples the digital microphone data at the
end of each DMICCLK phase. Each microphone must tri-state its data output when the other
microphone is transmitting.
Digital Mic
DMICDAT
0.1uF
DBVDD
DGND
Digital Mic
DMICCLK
VDD
CLK
DATA
VDD
CLK
DATA
CHAN
CHAN
VDD
Digital
Microphone
Interface
DMICCLK is available on GPIO2, GPIO3, GPIO5 and GPIO6
DMICDAT is supported on GPIO5 and GPIO6
Figure 21 Digital Microphone Input
The digital microphone signal paths are enabled using the DMIC_ENA register. When DMIC_ENA is
set, the ADC path is disconnected and the digital microphone data is routed to the digital core, as
illustrated in “Digital Mixing”.
Two microphone channels are interleaved on DMICDAT; the timing is illustrated in Figure 22. Each
microphone must tri-state its data output when the other microphone is transmitting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com