Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 7Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 8Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 9Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 10Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 11Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 12Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 13Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 14Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 295 page
background image
WM8962
Rev 4.3
11
Test Conditions
MICVDD = DCVDD = DBVDD = CPVDD = AVDD = PLLVDD = 1.8V, SPKVDD1 = SPKVDD2 = 5V.
TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (IN1L, IN1R) to ADC out via Input PGA and Input Gain Boost
Signal to Noise Ratio
(A-weighted)
SNR
ADC_HP=0
MIXIN_BIAS=100
INPGA_BIAS=100
‘Option 1’ (low power) bias
settings - see Note 2.
91
dB
Total Harmonic Distortion Plus
Noise (-1dBFS input)
THD+N
-70
dB
Signal to Noise Ratio
(A-weighted)
SNR
ADC_HP=0
MIXIN_BIAS=011
INPGA_BIAS=100
‘Option 2’ bias settings -
see Note 2.
91
dB
Total Harmonic Distortion Plus
Noise (-1dBFS input)
THD+N
-75
dB
Signal to Noise Ratio
(A-weighted)
SNR
ADC_HP=0
MIXIN_BIAS=000
INPGA_BIAS=100
‘Option 3’ bias settings -
see Note 2.
81
91
dB
Total Harmonic Distortion Plus
Noise (-1dBFS input)
THD+N
-82
-72
dB
Signal to Noise Ratio
(A-weighted)
SNR
ADC_HP=1
MIXIN_BIAS=000
INPGA_BIAS=000
‘Option 4’ (high performance)
bias settings - see Note 2.
93
dB
Total Harmonic Distortion Plus
Noise (-1dBFS input)
THD+N
-82
dB
ADC Channel Separation
1kHz
95
dB
10kHz
97
PSRR (AVDD)
100mV(peak-peak) 1kHz
60
dB
100mV(peak-peak) 20kHz
40
Channel Matching
1kHz signal
+/-0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com