Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 19Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 20Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 21Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 22Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 23Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 24Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 25Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 26Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 295 page
background image
WM8962
Rev 4.3
23
Stereo DAC Playback to Headphone (HPOUTL, HPOUTR) - High Performance headphone playback mode, 16
Ω load.
Default register conditions unless otherwise stated.
Default DAC to Headphone Power Up sequence completed.
DAC_HP = 1, HP_PGAS_BIAS = 000, HP_BIAS_BOOST = 000. (These must be set after running the DAC power-up sequence.)
CP_DYN_PWR = 1
MCLK = 12.288MHz, fs = 48kHz, MCLK rate = 256fs, 24-bit I2S, Slave mode,
Input signal level = 0dBFS, HP1x_VOL = 000b (-7dB),
See “Reference Voltages and Bias Control” for details of the High Performance headphone playback mode.
DCVDD
1.8V
DBVDD
1.8V
MICVDD
2.5V
AVDD
1.8V
PLLVDD
1.8V
CPVDD
1.8V
SPKVDD
5.0V
TOTAL
Quiescent output
2.0mA
0.0mA
0.0mA
2.5mA
0.0mA
0.5mA
0.0mA
8.9mW
0.1mW/channel output
HPOUTx_VOL = 65h (-20dB)
2.1mA
0.0mA
0.0mA
2.5mA
0.0mA
2.9mA
0.0mA
13.3mW
2mW/channel output
HPOUTx_VOL = 72h (-7dB)
2.1mA
0.0mA
0.0mA
2.5mA
0.0mA
22.5mA
0.0mA
48.7mW
16mW/channel output
HPOUTx_VOL = 79h (-0dB)
HP1x_VOL = 2h (-5dB)
2.1mA
0.0mA
0.0mA
2.5mA
0.0mA
59.6mA
0.0mA
115.6mW
Quiescent output,
fs = 48kHz, MCLK = 24.576MHz,
MCLK = 512fs,
DSP Sound Enhancement enabled
CP_DYN_PWR = 0
14.4mA
0.0mA
0.0mA
2.5mA
0.0mA
1.8mA
0.0mA
33.8mW
Stereo DAC Playback to Speaker (SPKOUTLP, SPKOUTLN, SPKOUTRP, SPKOUTRN) -
8.2Ω, 2.2µH load.
Default register conditions unless otherwise stated.
Default DAC to Headphone Power Up sequence completed.
DAC_MUTE = 0, DACL_ENA = 1, DACR_ENA = 1,
SPKOUTL_ENA = 1, SPKOUTL_PGA_ENA = 1, SPKOUTL_PGA_MUTE = 1,
SPKOUTR_ENA = 1, SPKOUTR_PGA_ENA = 1, SPKOUTR_PGA_MUTE = 1,
CLASSD_VOL = 111 (+12dB),
VMID_SEL = 01, BIAS_ENA = 1,
MCLK = 12.288MHz, fs = 48kHz, MCLK rate = 256fs, 24-bit I2S, Slave mode,
DCVDD
1.8V
DBVDD
1.8V
MICVDD
2.5V
AVDD
1.8V
PLLVDD
1.8V
CPVDD
1.8V
SPKVDD
5.0V
TOTAL
Quiescent output
2.4mA
0.0mA
0.0mA
2.7mA
0.0mA
0.0mA
7.3mA
45.7mW
200mW/channel output
2.4mA
0.0mA
0.0mA
2.7mA
0.0mA
0.0mA
91.8mA
468.2mW
1W/channel output
2.3mA
0.0mA
0.0mA
2.6mA
0.0mA
0.0mA
532.7mA
2672.3mW
Quiescent output,
fs = 48kHz, MCLK = 24.576MHz,
MCLK = 512fs,
DSP Sound Enhancement enabled
14.3mA
0.0mA
0.0mA
2.9mA
0.0mA
0.0mA
7.1mA
66.6mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com