Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8962B Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 99Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 100Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 101Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 102Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 103Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 104Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 105Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 106Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 295 page
background image
WM8962
Rev 4.3
103
VIRTUAL SURROUND SOUND (VSS)
VSS
HD Bass
DRC
DAC Signal Enhancement path
DAC
ReTune™
Second Order
HPF
5-band EQ
The Virtual Surround Sound (VSS) function is part of the DAC Signal Enhancement path.
Virtual Sound Sound (VSS) is a digital processing function that creates a perception of wider speaker
separation, generating a rich and immersive listening experience. It is aimed at portable applications,
but is effective on larger systems also. Note that VSS is not suited to single-speaker systems, nor to
headphone outputs.
Portable applications, where the speaker separation is small, suffer from significant acoustic crosstalk,
where the Right speaker output is heard strongly in the Left ear, and vice versa. The VSS algorithms
are designed to minimise these crosstalk effects, thus increasing the stereo experience. The VSS
process is finely tuned to produce a compelling three-dimensional experience, but without the listening
fatigue associated with some other stereo enhancement systems.
The VSS algorithms (and the user perception) are most effective at high frequencies; low frequency
content is therefore configured to bypass the VSS crosstalk processing. The crossover frequency (for
the low-frequency bypass) is adjustable, enabling the user to trade-off the stereo widening effect
against the required degree of integrity in the original audio.
The VSS algorithms are programmable and can be optimised for specific application or user
geometries. It is recommended to use the DAC HPF in conjunction with VSS in order to prevent
distortion and speaker damage.
Before VSS is enabled, it must be initialised and configured using the DSP2_ENA bit described in
Table 57. Note that this bit only needs to be enabled once before using any or all of ADC ReTune,
DAC ReTune, DAC HPF, VSS or HD Bass.
Note that specific sequences must be followed when enabling or configuring ADC ReTune, DAC
ReTune, DAC HPF, VSS, and HD
Bass sound enhancement functions (see “Enable Sequence -
Enhancements Initially Disabled
”).
VSS is enabled using the VSS_ENA register bit as described in Table 57.
It is possible to configure the VSS function to create a stereo effect that is optimised and tailored
specifically for a particular application. For the derivation of the VSS configuration parameters in
registers R20992 to R21139, refer to the WISCE configuration tool supplied with the WM8962
Evaluation Kit. Note that DSP2_ENA must be enabled before there is any type of access of any of the
parameters associated with VSS.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R768 (R300h)
DSP2 Power
Management
0
DSP2_ENA
0
DSP2 Audio Processor Enable.
0 = Disabled
1 = Enabled
This bit must be set before any of
ADC ReTune, DAC ReTune, DAC
HPF, VSS or HD Bass is enabled. It
must remain set whenever any of
these functions is enabled.
R16389
(4005h)
SOUNDSTAG
E_ENABLES_
0
0
VSS_ENA
0
Virtual Surround Sound (VSS)
enable
0 = Disabled
1 = Enabled
Table 57 Virtual Surround Sound (VSS) Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com