Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
23
Preliminary Company Confidential
1.10 Slave Mode Operation
OV7620 can be programmable to be slave device. Default OV7620 is a master device, it provide
Hsync, Vsync output. If used as slave device, (register 29 bit 6=1), external master device must
provide:
System clock CLK to XCLK1 pin;
Horizontal sync Hsync to CHSYNC pin, positive acted.
Vertical frame sync Vsync to VSYNC pin, positive acted.
When in slave mode, OV7620 tri-state CHSYNC and VSYNC output pin and use as input pin. To
synchronize the chip, OV7620 use external system clock CLK synchronize external horizontal
sync Hsync, then use synchronized horizontal sync to synchronize external vertical frame sync
Vsync. But to match internal counter, these three must keep exact relation as below:
Hsync period is 2*858 * CLK
Vsync period is 525* 2*858 * CLK
FIG 1.5 Slave Mode External Sync Timing
OV7620 will be stable after 1 frame. (2nd Vsync).
1.11 Frame Exposure Mode
OV7620 support frame exposure mode when in Progressive Scan Mode. When the FREX pin is
used as an external master device sets the exposure time. When FREX =1, the whole array is
precharged. The exposure time is then determined by the external master device which controls
FREX. When FREX=0, the OV7620 begins to output data line by line. While data is output, the
OV7620 must be blocked from light by using a mechanical shutter, so that the whole array is ex-
posed at the same time and has the same exposure period. In default line exposure mode, the
array precharge and read mode is first charge 1st line, after one line read out, precharge 2nd
line, so on. the width of FREX=1 must large the a fixed timing to make sure whole array has been
precharged.
Frame exposure mode timing is as below:
CLK
Hsync
Vsync
1 frame = 525*2*858*Tclk
1 line=2*858*Tclk
Tclk
Tvs
Note: (1) Ths > 6*Tclk (2) Ths < Tvs < 2*858*Tclk
Ths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com