Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 29Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 30Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
27
Preliminary Company Confidential
Register 01 - rw: Blue gain control
BLU<6:0> - white balance value for the blue channel.
The formula is:
Blue_gain=1+(BLU<7:0> - [80])/[100]; range (0.5x ~ 1.5x).
BLU<7> - Sign bit. If “1”, Blue gain increase; “0” gain decrease.
Register 02 - rw: Red gain control
RED<6:0> - white balance value for the red channel.
The formula is:
Red_gain=1+(RED<7:0> - [80])/[100]; range (0.5x ~ 1.5x).
RED<7> - Sign bit. If “1”, Red channel gain increase; “0” gain decrease.
SAT<7:0> - saturation adjustment for the UV channel based on the default setting;
range (-4dB ~ +6dB). If SAT<7:0> > [80], increase; if SAT<7:0> < [80], decrease.
Register 04 & 05 - w: Reserved Register
This register is reserved for internal test use. Write data to this register will be no function.
BRT<7:0> - brightness adjustment for the Y/RGB channel based on the default setting;
range (-200mv ~ +200mv). If BRT<7:0> > [80], brightness increase; If BRT<7:0> < [80], bright-
ness decrease. This register is auto/manual controllable. If register 2D bit 4=1, this register is
controlled by chip automatically, if write value to this register, this value will be updated by
internal circuit. Only when register 2D bit 4=0, this register can be set to any value
Bits
BLU7
BLU6
BLU5
BLU4
BLU3
BLU2
BLU1
BLU0
Default
1
0
0
0
0
0
0
0
Bits
RED7
RED6
RED5
RED4
RED3
RED2
RED1
RED0
Default
1
0
0
0
0
0
0
0
Register 03 - rw: Saturation control
Bits
SAT7
SAT6
SAT5
SAT4
SAT3
SAT2
SAT1
SAT0
Default
1
0
-0
0
0
0
0
0
Register 06 - rw: Brightness control
Bits
BRT7
BRT6
BRT5
BRT4
BRT3
BRT2
BRT1
BRT0
Default
1
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com