Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 48Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 49Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 50Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 51Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 52Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 53Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 54Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 55Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
52
Preliminary Company Confidential
Table 3.2: ANALOG CHARACTERISTICS (T
A=25
oC; Vdd=5V)
Symbol
Descriptions
Min
Max
Typ
Units
RGB/YCrCb output
Iso
maximum sourcing current
15
mA
Vrgb
DC level at zero signal
RGB peak-peak amplitude
1
1
V
V
Vy
DC level at zero signal
Y peak-peak 100% amplitude (without sync)
sync amplitude
1
1
0.3
V
V
V
Vry
DC level at zero signal
Cr peak-peak (75% saturation)
1.2
700
V
mV
Vby
DC level at zero signal
Cb peak-peak (75% saturation)
1.2
890
V
mV
User Adjustable Controls
(VcBRT)
Ri
input resistance
100
ΚΩ
factory set reference bias
(VrAD1,VrAD2,VrAD3,VrEQ,VrPK,NSSA1,VcCHG, VcBLM)
VrEQ
biased level
2.0
3.0
2.5
V
NS1SA1
SA1 reference level
2.2
V
VcCHG
Photo cell Charge level
2.6
V
ADC parameters
B
analog bandwidth
MHz
DLE
DC differential linearity error
0.5
LSB
ILE
DC integral linearity error
0.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com