Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 29Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 30Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 31Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
28
Preliminary Company Confidential
SHP<7:4> - Sharpness Threshold.
SHP<3:0> - Sharpness Magnitude.
Register [08] ~ [0B] - w: Reserved.
These four registers are reserved for internal use. Write data to these registers will not function.
Register 0C - rw: White Balance background control -- Blue channel
Changes AWB Hue Control
ABLU<4:0> - White Balance background blue color component ratio adjustment. Adjust resolution is
0.625% and total range is (+20% - -20%) This register is used to offset image background blue
component ratio.
ABLU<5> - Sign bit. If “1”, decrease background blue component ratio; “0” increase blue component ratio.
Register 0D - rw: White Balance background control -- Red channel
Changes AWB Hue Control
ARED<4:0> - White Balance background red color component ratio adjustment. Adjust resolution is 1.5%
and total range is (+20% - -20%) This register is used to offset image background red compo-
nent ratio.
ARED<5> - Sign bit. If “1”, decrease background red component ratio; “0” increase red component ratio.
Register 0E ~ 0F- rw: Reserved
These two registers are reserved for internal use. Write data to these registers will not function.
Register 07 - rw: Angalog Sharpness control
Bits
SHP7
SHP6
SHP5
SHP4
SHP3
SHP2
SHP1
SHP0
Default
1
1
0
0
0
0
1
1
Bits
Null
Null
ABLU5
ABLU4
ABLU3
ABLU2
ABLU1
ABLU0
Default
-
-
1
0
0
0
0
0
Bits
Null
Null
ARED5
ARED4
ARED3
ARED2
ARED1
ARED0
Default
-
-
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com