Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 29Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 30Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 31Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 32Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
29
Preliminary Company Confidential
Register 10 - rw: Auto-Exposure-Control Register
AEC<7:0> - exposure time setting; the formula is
Interlaced: TEXPOSURE = TLINE x AEC(7:0);
Progressive: TEXPOSURE = TLINE x AEC(7:0)x2;
where TLINE = Frame Time / 525
if use 27MHz, TLINE = 63.5 uS
Range is: [00] - [7F] for Interlaced; [00] - [FF] for Progressive Scan.
* This register setting is only effective when operated in manual adjust mode (register 13 bit 0=0). Never-
theless, this register is always accessible through the SCCB bus. If register 13 bit 0=1, this
register will be updated by internal circuit according AEC algorithm, and if write special value
to this register will be useless. The register value can be read out at any time and latest AEC
value will be return. If register 13 bit 0=0, or register 29 bit 7=1, the register will hold last value
unchanged (either input from SCCB or AEC algorithm result).
* It generally takes no more than two fields for the image to reach the intended exposure after changing the
setting.
Register 11 - rw: Clock rate control
CLK<5:0> - system clock prescaler; this register defines the chip pixel clock rate, clock rate is defined by
following fulmar:
(16 Bit mode) PCLK = (CLK_input / (( CLK<5:0> + 1) * 2))
(8 Bit mode) PCLK = (CLK_input / ( CLK<5:0> + 1))
SYN<7:6> - Three sync output polarity selection:
SYN7 = 0, SYN6 = 0: HSYNC negative, CHSYNC negative, VSYNC positive edge;
SYN7 = 0, SYN6 = 1:.HSYNC negative, CHSYNC negative, VSYNC negative;
SYN7 = 1, SYN6 = 0: HSYNC positive, CHSYNC negative, VSYNC positive.
SYN7 = 1, SYN6 = 1: HSYNC negative, CHSYNC positive, VSYNC positive.
* The effect of the change is immediate, however, it generally takes about two fields for the image to reach
the stable state
Bits
AEC7
AEC6
AEC5
AEC4
AEC3
AEC2
AEC1
AEC0
Interlace
0
1
1
1
1
1
1
1
Progres-
sive Scan
1
1
1
1
1
1
1
1
Bits
SYN7
SYN6
CLK5
CLK4
CLK3
CLK2
CLK1
CLK0
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com