Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 34Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 35Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 36Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 37Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 38Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 39Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 40Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 41Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
38
Preliminary Company Confidential
MIDL<7:0>- read only, always returns “A2”
Register 1E ~ 1F- rw: Reserved
These two registers are reserved for internal use. Write data to these registers will not function.
Register 20- rw: Common control E
COME7 - Modified CCIR656 format vertical sizing enabled. “1” will enable vertical windowing function. “0”
will limit vertical size to 480 lines - unchanged by [19] and [1B ].
COME6 - Field luminance average signal generation enable.Value is stored in register [7C]
COME5 - “1” First stage aperture correction enable. Correction strength will be decided by register [07]. “0”
disable first stage aperture correction.
COME4 - “1” Second stage aperture correction enable. Correction strength and threshold value will be
decided by register 26 bit 7 ~ register 26 bit 4.
COME3 - AWB smart mode enable. 1 - Drop out pixel when compare pixel red, blue and green component
level to change register [01] and [02], which luminance level is higher than presetting level and
lower than presetting level, this two level is set by register [0F]. 0 - calculate all pixels to get
AWB result. Valid only when register 13 bit 0=1 and register 12 bit 2=1
COME2 - Reserved.
COME1 - AWB fast/slow mode selection. “1” - AWB is always fast mode, that is register [01] and [02] is
changed every field/frame. “0” AWB is slow mode, [01] and [02] change every 16/64 field/
frame decided by register 70 bit 1. When AWB enable, register 12 bit 2=1, AWB is working as
fast mode at first 1024 field/frame, than as slow mode later.
COME0 - Digital output driver capability increase selection: “1” Double digital output driver current; “0” low
output driver current status.
Y6-Y0: Y channel digital output offset adjustment. Range: +127mV ~ -127mV. If COMG2=0, this register
will be updated by internal auto A/D BLC circuit, and write a value to this register with SCCB
has no effect. If COMG2=1, Y channel offset adjustment will use the register stored value
which can be changed by SCCB. If COMF1=0, this register has no adjustment effect to A/D
output data. If output RGB raw data, this register will adjust R/G/B data.
Y7: Offset adjustment direction 0 - Add Y[6:0]; 1 - Subtract Y[6:0].
Bits
COME7
COME6
COME5
COME4
COME3
COME2
COME1
COME0
Default
0
0
0
0
0
-
0
0
Register 21- rw: Y Channel Offset Adjustment
Bits
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Default
1
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com