Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 49Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 50Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 51Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 52Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 53Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 54Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 55Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 56Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
53
Preliminary Company Confidential
Table 3.3: AC CHARACTERISTICS (0oC < TA < 85oC, Voltages referenced to GND)
Symbol
Descriptions
Min
Max
Typ
Units
Oscillator & Clock in
fosc
frequency (XCLK1,XCLK2)
10
30
27.0
MHz
tr , tf
clock input rise/fall time
5
ns
CLKO
V
clock input duty cycle
45
55
50
%
SCCB timing(400kbit/s)
tBUF
Bus free time between STOP & START
1.3
-
-
us
tHD:SAT
SIO-1 change after START status
0.6
-
-
us
tLOW
SIO-1 low period
1.3
-
-
us
tHIGH
SIO-1 high period
0.6
-
-
us
tHD:DAT
Data hold time
0
-
-
us
tSU:DAT
Data set-up time
0.1
-
-
us
tSU:STP
Set-up time for STOP status
0.6
-
-
us
Digital timing
tpclk
PCLK cycle time
16 bit operation
8 bit operation
74
37
-
-
ns
ns
tr,tf
PCLK rise/fall time
-
15
-
ns
tpdd
PCLK to data valid
-
15
-
ns
tphd
PCLK to HREF delay
5
20
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com