Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
7
Preliminary Company Confidential
1.3 CHIP OPERATION
Referring to FIG 1.1, OV7620 includes a 664x492 resolution image array, an analog signal pro-
cessor, dual 10bit A/D converters, analog video mux, digital data formatter and video port, SCCB
interface with its registers, the digital controls including timing block, exposure block and white
balance.
FIG 1.1 OV7620Block Diagram
OV7620is a 1/3 inch CMOS imaging device. The sensor contains approximately 326,688 pixels.
It is base on field integration read-out system with line-by-line transfer and an electronic shutter
with synchronous pixel read out scheme. The color filter of the sensor consists of primary color
RG/GB array arranged in line alternating fashion.
RVO
BUO
GYO
image
column sense amp
array
Cb
Cr
Y
VcSAT
GAMMA
white
exposure
detect
WB
control
balance
detect
AWB
AGCEN
XVCLK1
(664X492)
RGB
1/2
sys-clk
AWBTH/
VcCNT
r
g
b
mx
FODD
VSYNC
HREF
PCLK
video
timing
generator
FZEX
exposure
control
VrEQ
VcSHP
FREZ
CHSYNC
mx
ADC
Y(7:0)
UV(7:0)
SCCB
interface
SIO-1
SIO-0
registers
ADC
analog
processing
FSIN
MIR
DENB
mx
PROG
AWBTM
SBB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com