Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OV7620 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
3
Preliminary Company Confidential
Progressive Scan: 1/30 to 1/15734(s)
• AGC (+24dB) - auto / programmable.
• PreAmp Gain 6/12 db.
• Auto-Exposure-ratio programmable.
• White balance - auto/programmable.
• Auto-White-Balance-ratio programmable.
• Brightness & contrast adjustment.
• Color Saturation adjustment.
• Aperture correction.
• Multiple gamma correction curve selection.
• Multiple luminance gamma correction curve selection.
• S/N ratio > 48 dB.
• Software/Hardware Reset.
• Software/hardware power saving control
• Minimum illumination 2.5 lux at f1.4 (3000k).
• Optical fill factor is 40%.
• Supply: 5 volt for analog and Digital circuit;5volt or 3.3volt for digital interface.
• Power consumption < 120 mW.
• Power-save mode < 10 uA.
• Chip SCCB ID: 0 1 0 CS2 CS1 CS0 1 R/W (CS2 CS1 CS0 select by PIN when power-on, default 0).
• 48pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com