Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 31Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 32Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 33Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 34Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 35Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 36Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 37Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 38Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
35
Preliminary Company Confidential
As shown above, HS<7:0> defines the starting pixel within a scan line, HE<7:0> defines the ending pixel
within a scan line. VS<7:0> defines the starting row within a field, VE<7:0> defines the ending
row within a field. VS/VE automatically defines the window height of a image frame. The rect-
angular window defined by HS/HE/VS/VE is the active image window. Only pixels insides this
window is valid, along with the HREF timing signals, black level substitutes the pixel data
when outside the active window.
Identical value for HS/HE or VS/VE is not permitted since it causes undefined window size.
If end point is lower than the starting point, the window begins from the starting point and ends at the far
end of the available image boundary.
The window size calculate formula is as below:
1. Horizontal size: VGA mode: Horizontal window size = (Register [18] - Register [17])*4.
QVGA mode: Horizontal window size = (Register [18] - Register [17])*2.
2. Vertical size: VGA mode: Vertical window size = (Register [1A]- Register [19]+1);
QVGA mode: Horizontal window size = (Register [1A] - Register [19]+ 1).
VS
VE
HS
HE
FULL image boundary
Active Window
FIG 1.11 Window Sizing
HREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com