Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OV7620 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
4
Preliminary Company Confidential
1.2 Pin Assignments
Table 1:Pin Descriptions(Pin type and default level: I-1: digital input+10k pull up; I-0: digital input +10k pull
down, XI/XO; xtal IO; /Secondary functions are set during power up; O/I: digital CMOS level output Bias: power
supply bias.).
Pin #
Name
Class
Function
1
SVDD
Bias
Sensing Power (+5V) pins.
8, 14,44
AVDD
Bias
Analog Power (+5V) pins.
29
DVDD
Bias
Digital Power (+5V) pins.
32
DOVDD
Bias
Digital I/O Power (+5V / +3.3V) pins.
48
SGND
Bias
Sensing ground connections. Connect to supply common
6, 7, 15, 43
AGND
Bias
Analog ground connections. Connect to supply common
30
DGND
Bias
Digital ground connection. Connect to supply common
31
DOGND
Bias
Digital Output ground connection.
2
RESET
I
Chip reset, “high” active.
3
AGCEN/RAMINT
I-I
AGCEN =1 enables the Auto Gain Control. AGCEN = 0 disables it.
This pin setting is effective when pin SBB = 1.
RAMINT=1 initializes frame transfer.
4
FREX
I
Frame exposure control input, effective in progressive scan only.
The positive width of FREX defines the exposure time.
5
VrEQ
CAP
Internal voltage reference. Requires an 0.1uF decoupling capacitor
to ground.
9
PWDN
I-0
PWDN =1 puts chip in power down (sleep) mode.
10
VrS
CAP
Internal voltage reference. Requires an 0.1uF decoupling capacitor
to ground.
11
VcCHG
CAP
Internal voltage reference. Requires an 1.0uF decoupling capacitor
to ground.
12
SBB
I
SBB = 1 selects the power-up method of programming the internal
functions. SBB = 0 selects the SCCB pin programming method.
Results of the power-up method can only be changed by a new
power-up or reset sequence.
13
VTO
O
Video Test Output (NTSC)
16
VSYNC/CSYS
O/I
VSYNC: Vertical sync output. This pin is asserted high during sev-
eral scan lines in the vertical sync period.
CSYS: Composite Sync. When not using SCCB, a 10k pull up
changes pin 42(CHSYNC) to CSYS.
17
FODD/SRAM
O/I
FODD: Odd field flag. Asserted high during the odd field, low during
the even field.
SRAM: External SRAM
18
HREF/VSFRAM
O/I
HREF: Horizontal window reference output. HREF is high during the
active pixel window, otherwise low.
VSFRAM: Vertical Sync Frame.
19
UV7/B8
O/I
UV7: Digital output UV bus. UV7 used for 16-bit operation for out-
putting chrominance data.
B8: Switch for 8 bit mode luminance/Chroma tristate. Default is 16
bit mode.
20
UV6/BPCLR
O/I
UV6: Digital output UV bus. UV6 used for 16-bit operation for out-
putting chrominance data.
BPCLR: Bypass RGB color matrix.
21
UV5/MIR
O/I
UV5: Digital output UV bus. UV5 used for 16-bit operation for out-
putting chrominance data.
MIR: Mirror.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com