Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OV7620 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
OV7620 Product Specifications -Rev. 1.3 (5/13/00)
Preliminary Company Confidential
OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
Features
• 326,688 pixels, 1/3” lens, VGA / QVGA format
• Read out - progressive / Interlace
• Data format - YCrCb 4:2:2, GRB 4:2:2, RGB Raw Data
• 8/16 bit video data: CCIR601, CCIR656, ZV port
• Video Timing - 525 line, 30 fps
• Wide dynamic range, anti-blooming, zero smearing
• SCCB (Serial Camera Control Bus) interface
• Electronic exposure / Gain / white balance control
• Image enhancement - brightness, contrast, gamma, saturation,
sharpness, window, etc.
• Internal / external synchronization scheme
• Frame exposure / line exposure option
• 5 Volt operation, low power dissipation.
General Description
OV7620
is
a
highly
integrated
high
resolution
(640x480) Interlaced / Progressive Scan CMOS digital
color / black&white video camera chip. The digital
video port supports 60Hz YCrCb 4:2:2 16Bit / 8 Bit for-
mat, ZV Port output format, RGB raw data 16Bit/8Bit
output format and CCIR601/CCIR656 format. The built-
in SCCB interface provides an easy way of controlling
the built-in camera functions.
• Video Conferencing
• Video Phone
• Video Mail
• Still Image
• PC Multimedia
OV7001 48-Pin Out Diagram
7
8
9
10
11
12
13
14
15
16
17
18
AGND
AVDD
PWDN
VRS
VCCHG
SBB
VTO
AVDD
AGND
VSYNC/CSYS
FODD/SRAM
HREF/VSRAM
31
32
33
34
35
36
37
38
39
40
41
42
DOGND
DOVDD
PCLK/OUTX2
Y7/CS0
Y6/CS2
Y5/SHARP
Y4/CS1
Y3/RAW
Y2/G2X
Y1/PROG
Y0/CBAR
CHSYNC/BW
OV7620
Array Elements
664 x 492
Pixel Size
7.6 x 7.6 um
Image Area
4.86 x 3.64mm
Electronic
Exposure
500 : 1
Scan Mode
progressive
interlace
Gamma
Correction
128 Curve Settings
See specifics
Minimum
Illumination
2.5 lux @ f1.4
0.5 lux @ f1.4
(3000K)
S/N Ratio
> 48dB
Power Supply
5VDC, ±5%
Power
Requirements
<120mW Active
<10uW Standby
Package
48-pin LCC


Similar Part No. - OV7620

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
569Kb / 5P
Low Power 32.768kHz SM Oscillator
OV7604C7/B GOLLEDGE-OV7604C7/B Datasheet
124Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_18 Datasheet
569Kb / 5P
Low Power 32.768kHz SM Oscillator
More results

Similar Description - OV7620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
USB VGA Digital Camera Chipset
Oct-1999
logo
List of Unclassifed Man...
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV7910 ETC-OV7910 Datasheet
247Kb / 18P
SINGLE-CHIP CMOS COLOR PAL CAMERA
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
CMOS COLOR DIGITAL VIDEO CAMERA
logo
STMicroelectronics
VL6524 STMICROELECTRONICS-VL6524 Datasheet
715Kb / 70P
VGA single-chip camera module
06-Nov-2006
VS6525 STMICROELECTRONICS-VS6525 Datasheet
195Kb / 6P
VGA single-chip camera module
12-Jan-2007
logo
Pixart Imaging Inc.
PAC7311 PIXART-PAC7311 Datasheet
518Kb / 13P
VGA PC Camera Single-Chip
PAS202BCA PIXART-PAS202BCA Datasheet
124Kb / 15P
PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAS202BCB PIXART-PAS202BCB Datasheet
115Kb / 15P
PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com