Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OV7620 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
5
Preliminary Company Confidential
22
UV4/SLAEN
O/I
UV4: Digital output UV bus. UV4 used for 16-bit operation for out-
putting chrominance data.
SLAEN: Slave Enable.
23
UV3/ECLKO
O/I
UV3: Digital output UV bus. UV3 used for 16-bit operation for out-
putting chrominance data.
ECKLO: Swap clock output - changes pin 17(FODD) to XCLK out.
24
UV2/QVGA
O/I
UV2: Digital output UV bus. UV2 used for 16-bit operation for out-
putting chrominance data.
QVGA: QVGA format (320x240)
25
UV1/CC656
O/I
UV1: Digital output UV bus. UV1 used for 16-bit operation for out-
putting chrominance data.
CC656: CCIR 656 mode.
26
UV0/GAMDIS
O/I
UV0: Digital output UV bus. UV0 used for 16-bit operation for out-
putting chrominance data.
GAMDIS: Disables Chroma Gamma (RGB).
27, 28
XCLK1, XCLK2
XO, XI
XCLK1 and XCLK2 are the input/output of the on-chip video oscilla-
tor. Nominal crystal clock frequency is 27MHz. If an external clock is
used, input to XCLK1, leave XCLK2 unconnected.
33
PCLK/OUTX2
O/I
PCLK: Pixel clock output. By default, data is updated at the falling
edge of PCLK and is stable at its rising edge. PCLK runs at the pixel
rate in 16-bit bus operations and twice the pixel rate in 8-bit bus
operations
OUTX2: Doubles current output.
34
Y7/CSO
O/I
Y7: Digital output Y bus. In a 16-bit operation, the luminance data is
clocked out of this bus at the rate of one byte per pixel. In 8-bit oper-
ation, the luminance data and the chrominance data is multiplexed
to this bus.
CSO: ID configuation bit for the SCCB slave ID.
35
Y6/CS2
O/I
Y6: Digital output Y bus. In a 16-bit operation, the luminance data is
clocked out of this bus at the rate of one byte per pixel. In 8-bit oper-
ation, the luminance data and the chrominance data is multiplexed
to this bus.
CS2: ID configuation bit for the SCCB slave ID.
36
Y5/SHARP
O/I
Y5: Digital output Y bus. In a 16-bit operation, the luminance data is
clocked out of this bus at the rate of one byte per pixel. In 8-bit oper-
ation, the luminance data and the chrominance data is multiplexed
to this bus.
SHARP: Enable Analog Sharpness.
37
Y4/CS1
O/I
Y4: Digital output Y bus. In a 16-bit operation, the luminance data is
clocked out of this bus at the rate of one byte per pixel. In 8-bit oper-
ation, the luminance data and the chrominance data is multiplexed
to this bus.
CS1: ID configuation bit for the SCCB slave ID.
38
Y3/RAW
O/I
Y3: Digital output Y bus. In a 16-bit operation, the luminance data is
clocked out of this bus at the rate of one byte per pixel. In 8-bit oper-
ation, the luminance data and the chrominance data is multiplexed
to this bus.
RAW: Raw Data.
39
Y2/G2X
O/I
Y2: Digital output Y bus. In a 16-bit operation, the luminance data is
clocked out of this bus at the rate of one byte per pixel. In 8-bit oper-
ation, the luminance data and the chrominance data is multiplexed
to this bus.
G2X: Gain 2X.
Pin #
Name
Class
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com