Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 29Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 30Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 31Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 32Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 33Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 34Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 35Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
32
Preliminary Company Confidential
Register 14- rw: Common control C
COMC7 - AWB activation threshold selection: 1- high; 0-low.
COMC6 - Reserved.
COMC5 - QVGA digital output format selection. 1 - 320x240; 0 - 640x480.
COMC4 - Field/Frame vertical sync output in VSYNC port selection: 1 - frame sync, only inserted in ODD
field vertical sync; 0 - field vertical sync, effect in Interlaced mode
COMC3 - HREF polarity selection: 0 - HREF positive effective, 1 - HREF negative.
COMC2 - RGB gamma selection: 1 - Gamma on, value defined by register [62] value; 0 - gamma is 1 (lin-
ear).
COMC1 - Reserved.
COMC0 - Reserved.
COMD7 - Reserved.
COMD6 - PCLK polarity selection. “0” OV7620 output data at PCLK falling edge and data bus will be stable
at PCLK rising edge; “1” rising edge output data and stable at PCLK falling edge. When
OV7620 work as CCIR656 format, COMB4=1, this bit is disable and should use PCLK rising
edge latch data bus.
COMD<5:1> - Reserved.
COMD0 - U V digital output sequence exchange control. 0 - V U V U ... for 16Bit, V Y U Y ... for 8 Bit; 1- U
V U V ... for 16Bit and U Y V Y ... for 8 Bit.
FD<7:2>- Frame drop selection, it operates in ODD and EVEN mode as defined by FD<1:0>, it is ignored
in OFF & FRAME mode. Its purpose is to divide the video signal into programmed number of
time slots in unit of field/frame, and to allow HREF to be active only one field/frame during the
period. This function does not affect the video data or pixel rate.
000000 - 000001: disable digital data output, only output black reference level.
000010 - 111111: Output 1 of (2 ~ 63) frame. If set register 33 bit 1= 1, that means
only drop 1 frame from (2 ~ 63) frame.
Bits
COMC7
COMC6
COMC5
COMC4
COMC3
COMC2
COMC1
COMC0
Default
0
-
0
0
0
1
-
-
Register 15- rw: Common control D
Bits
COMD7
COMD6
COMD5
COMD4
COMD3
COMD2
COMD1
COMD0
Default
-
0
-
-
-
-
-
1
Register 16 - rw: Frame Drop
Bits
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
Default
0
0
0
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com