Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7620 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 38Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 39Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 40Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 41Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 42Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 43Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 44Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 45Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
42
Preliminary Company Confidential
Register [2A] - rw: Frame Rate Adjust Register 1
EHSH7 - Frame Rate adjustment enable bit. “1” Enable.
EHSH<6:5> - Highest 2 bit of frame rate adjust control byte. See explanation in register [2B].
EHSH4 - “1” - UV component delay 2 pixel. “ 0” no 2*Tp delay.
EHSH3 - Y channel brightness adjustment enable. When COMF2=1 active.
EHSH2 - For QVGA raw data format. “1” will force Y to output B G B G and UV to output G R G R
EHSH<1:0> - Reserved.
Register [2B] - rw: Frame Rate Adjust Register 2
EHSL<7:0> - Lowest 8 bit of frame rate adjust control byte. Frame rate adjustment resolution is 0.12%.
Control word is 10 bit. Every count decreases frame rate by 0.12%. Range is 0.12% - 112%. If
frame rate adjustment is enabled, COME7 must be set to “0”.
Register [2C] - rw: Black Expanding Register
EXBK<7:4> - Coarse Auto Black Level adjustment. Range is 0.08% - 1.3%
EXBK<3:0> - Fine Auto Black Level adjustment. Range is 0.08% - 1.3%.
Register [2D] - rw: Common Control J
COMJ7 - Reserved. Always set to “1”.
COMJ6 - QVGA 60 frame/s selection. “1” Only Odd field in Interlace Mode data output, “0” Odd/Even field
data output frame rate is 30 frames/s. VGA is output at 60 frames/s in dual line mode raw data.
COMJ5 - Reserved. Always set to “0”.
COMJ4 - Auto brightness enabled.
COMJ3 - Reserved. Always set to “0”.
COMJ2 - Banding filter enable. After adjust frame rate to match indoor light frequency, this bit enable a dif-
ferent exposure algorithm to cut light band induced by fluorescent light.
COMJ1 - Reserved. Always set to “0”.
COMJ0 - Reserved. Always set to “1”.
Bits
EHSH7
EHSH6
EHSH5
EHSH4
EHSH3
EHSH2
EHSH1
EHSH0
Default
0
0
0
0
0
0
0
0
Bits
EHSL7
EHSL6
EHSL5
EHSL4
EHSL3
EHSL2
EHSL1
EHSL0
Default
0
0
0
0
0
0
0
0
Bits
EXBK7
EXBK6
EXBK5
EXBK4
EXBK3
EXBK2
EXBK1
EXBK0
Default
1
0
0
0
1
0
0
0
Bits
COMJ7
COMJ6
COMJ5
OMJ4
COMJ3
COMJ2
COMJ1
COMJ0
Default
1
0
0
0
0
0
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com