Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 11Page - STMicroelectronics STM8T141 Datasheet HTML 12Page - STMicroelectronics STM8T141 Datasheet HTML 13Page - STMicroelectronics STM8T141 Datasheet HTML 14Page - STMicroelectronics STM8T141 Datasheet HTML 15Page - STMicroelectronics STM8T141 Datasheet HTML 16Page - STMicroelectronics STM8T141 Datasheet HTML 17Page - STMicroelectronics STM8T141 Datasheet HTML 18Page - STMicroelectronics STM8T141 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
STM8T141
STM8T processing
Doc ID 15699 Rev 7
15/50
5.3.2
Reference freeze timeout
To prevent an object under detection from influencing the reference value, the ECF is halted
as soon as a detection happens. Consequently, the reference is frozen.
In order to be able to recover from a sudden environment change, the reference freeze ends
after a maximum programmable delay called the “reference freeze timeout” (tRFT).
When a detection lasts longer than the tRFT, the ECF is enabled again and the reference
moves toward the detection signal. After a short period of time, the difference between the
signal and the reference become smaller than the detection threshold and the device
reports no detection.
Note:
Reference freeze timeout was incorrectly called “recalibration timeout” in previous versions
of this document.
Figure 9.
Reference freeze timeout
1.
See max values of tRFT in Table 16: General capacitive sensing characteristics.
2.
Between the moment when the finger is removed from the sensor and the instant the reference - DTh curve
crosses the signal limit, the device is unable to detect a new touch. This delay is called “masked detection
window”. It depends on the environmental change or object signal variation speed inside the electrode’s
field. The detection threshold also impacts the masked detection window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com