Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 20Page - STMicroelectronics STM8T141 Datasheet HTML 21Page - STMicroelectronics STM8T141 Datasheet HTML 22Page - STMicroelectronics STM8T141 Datasheet HTML 23Page - STMicroelectronics STM8T141 Datasheet HTML 24Page - STMicroelectronics STM8T141 Datasheet HTML 25Page - STMicroelectronics STM8T141 Datasheet HTML 26Page - STMicroelectronics STM8T141 Datasheet HTML 27Page - STMicroelectronics STM8T141 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Device operation
STM8T141
24/50
Doc ID 15699 Rev 7
7.4.2
Low Power mode with Zoom
With the STM8T141 in Low Power mode with Zoom, burst cycles occur every 5th tSAMPLING
period (or 20% of the Normal Power mode).
Once activity is detected, the STM8T141 device wakes up from Low Power mode with Zoom
to Normal Power mode with charge cycles occurring every tSAMPLING period. The device will
return to Low Power mode after an end of low power period (tELP) when no touch or
proximity detection conditions are detected. This enables the device to reduce power
consumption when not in use, and still have a sufficient response time when needed
(Figure 17).
Figure 17.
Charge cycle timing diagram in Low Power mode with Zoom
7.4.3
Extreme Low Power mode with Zoom
With the STM8T141 in Extreme Low Power Mode with Zoom, burst cycles only occur every
17th tSAMPLING period (or 5.88% of the Normal Power mode).
Once activity is detected, the STM8T141 device wakes up from Extreme Low Power mode
and Zoom to Normal Power mode with charge cycles occurring every tSAMPLING. The device
will return to Low Power mode after an end of low power period (tELP) when no touch or
proximity detection conditions are detected. This enables the device to reduce power
consumption when not in use and still have a sufficient response time when needed
(Figure 18).
Figure 18.
Charge cycle timing diagram in Extreme Low Power mode with Zoom
12
345678
9
10
11
12
13
14
15
16
17
18
19
20
CS
t
Zoom to Normal mode after touch
or proximity detection occurred
Burst cycle
duration
tLP
12
345678
9
10
11
12
13
14
15
16
17
18
19
20
CS
Burst cycle every 17th tSAMPLING period
t
Zoom to Normal mode after touch
or proximity detection occurred
tLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com