Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 19Page - STMicroelectronics STM8T141 Datasheet HTML 20Page - STMicroelectronics STM8T141 Datasheet HTML 21Page - STMicroelectronics STM8T141 Datasheet HTML 22Page - STMicroelectronics STM8T141 Datasheet HTML 23Page - STMicroelectronics STM8T141 Datasheet HTML 24Page - STMicroelectronics STM8T141 Datasheet HTML 25Page - STMicroelectronics STM8T141 Datasheet HTML 26Page - STMicroelectronics STM8T141 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
STM8T141
Device operation
Doc ID 15699 Rev 7
23/50
7.4
Power modes
The STM8T141 device offers four power modes. The low power modes are specifically
designed for battery applications:
Normal Power mode
Low Power mode with Zoom
Extreme Low Power mode with Zoom
Extreme Low Power mode
Burst cycles can occur either every 10 ms or 20 ms according to the selected sampling
period (tSAMPLING). By selecting low power modes, extra delays are interlaced between
bursts. This improves the device current consumption at the expense of the response time.
Bits [7:6] of option byte OPT0 are used to select the correct power mode.
7.4.1
Normal Power mode
When in Normal Power mode, burst cycles occur at the rate of tSAMPLING. No extra delays
are added between burst cycles (Figure 16).
Figure 16.
Charge cycle timing diagram in Normal Power mode
Table 8.
Low power period according to selected power mode
Power mode
Condition
tLP value
Normal Power mode
0
Low Power mode with Zoom
Touch or proximity detection
0
Untouched
4 x tSAMPLING
Extreme Low Power mode with
Zoom
Touch or proximity detection
0
Untouched
16 x tSAMPLING
Extreme Low Power mode
16 x tSAMPLING
12
345678
9
10
11
12
13
14
15
16
17
18
19
20
CS
Burst cycle duration
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com