Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 16Page - STMicroelectronics STM8T141 Datasheet HTML 17Page - STMicroelectronics STM8T141 Datasheet HTML 18Page - STMicroelectronics STM8T141 Datasheet HTML 19Page - STMicroelectronics STM8T141 Datasheet HTML 20Page - STMicroelectronics STM8T141 Datasheet HTML 21Page - STMicroelectronics STM8T141 Datasheet HTML 22Page - STMicroelectronics STM8T141 Datasheet HTML 23Page - STMicroelectronics STM8T141 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Device operation
STM8T141
20/50
Doc ID 15699 Rev 7
7.2
TOUT/POUT output mode
Four output modes are available on the STM8T141:
Active mode
Toggle mode
3-second Latch mode
30-second Latch mode
For each output operation described, touch or proximity detection can be used. Upon the
detection of either of these actions, the TOUT/POUT pin will latch high, otherwise the
TOUT/POUT pin stays low. The detailed working of each user interface is described below.
The TOUT/POUT pin is active high, and can source enough current to directly drive a LED.
The pin is sourced from VDD when active. The TOUT/POUT pin always goes high for a
minimum time of tHIGH. For more information, please refer to Section 9: Electrical
characteristics.
Bits [1:0] of option byte OPT0 are used to select the correct output mode.
7.2.1
Active
Upon the detection of an actuation, the condition of the TOUT/POUT pin will change to high
and stay high for as long as the touch or proximity detection condition occurs. Figure 12
illustrates this output operation.
Figure 12.
Active mode output operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com