Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 14Page - STMicroelectronics STM8T141 Datasheet HTML 15Page - STMicroelectronics STM8T141 Datasheet HTML 16Page - STMicroelectronics STM8T141 Datasheet HTML 17Page - STMicroelectronics STM8T141 Datasheet HTML 18Page - STMicroelectronics STM8T141 Datasheet HTML 19Page - STMicroelectronics STM8T141 Datasheet HTML 20Page - STMicroelectronics STM8T141 Datasheet HTML 21Page - STMicroelectronics STM8T141 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Device operation
STM8T141
18/50
Doc ID 15699 Rev 7
7
Device operation
The STM8T141 can be configured through a set of selectable one-time programmable
(OTP) option bytes. These options can be used in their default (unconfigured) state or set for
specific applications. For large orders, preconfigured devices are available (please refer to
Section 11: Ordering information).
The STM8T141 can be configured to act as a touch or proximity detection device. A number
of other options are also user programmable, including:
Four output modes
–Active mode
Toggle mode
3-second Latch mode
30-second Latch mode
TOUT/POUT output mode selection
Four detection thresholds
Two for touch detection
Two for proximity detection
Four power modes
Normal power mode
Three low power modes
Reference freeze timeout
7.1
Option byte description
A set of tools is supplied by STMicroelectronics to program the user OTP options for
prototyping purposes. Please refer to Section 12: STM8T141 development tools for more
details.
Note:
Devices that are not yet programmed (“blank” devices) are delivered cleared (at value ‘0’) for
all bits.
The user options allow the STM8T141 to be customized for each specific application.
Default values for the oscillator, conversion rate (tSAMPLING), filter freeze and device reset
settings should be used initially for first designs.
Table 5.
Option bytes
Option
byte
no.
Option bits
Factory
default
setting
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OPT1
Reserved
Sampling
period
Charge
transfer
frequency
Reserved
0xX0
OPT0
Power mode
Detection threshold
Reference freeze
timeout
TOUT/POUT
output mode
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com