Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 40Page - STMicroelectronics STM8T141 Datasheet HTML 41Page - STMicroelectronics STM8T141 Datasheet HTML 42Page - STMicroelectronics STM8T141 Datasheet HTML 43Page - STMicroelectronics STM8T141 Datasheet HTML 44Page - STMicroelectronics STM8T141 Datasheet HTML 45Page - STMicroelectronics STM8T141 Datasheet HTML 46Page - STMicroelectronics STM8T141 Datasheet HTML 47Page - STMicroelectronics STM8T141 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Ordering information
STM8T141
44/50
Doc ID 15699 Rev 7
1.
Configuration by default in OTP devices.
STM8T141 programming service option list
(last update: February 2010)
Customer name:
Address:
Contact name:
Phone number:
Select the package type (tick one box)
STM8T141AM6 - S08 †
or
STM8T141AU6 – DFN8
†
Customer settings
(tick one box by option)
Sampling period (see Section 7.6: Sampling period)
† 10 ms sampling period
† 20 ms sampling period(1)
Charge transfer frequency (see Section 7.5: Charge transfer frequency)
† 125 kHz(1)
† 250 kHz
Power modes (see Section 7.4: Power modes)
† Normal Power mode
† Low Power mode with Zoom(1)
† Extreme Low Power mode with Zoom
† Extreme Low Power mode
Detection threshold (see Section 7.3: Detection threshold)
† Sensitive proximity
† Standard proximity(1)
† Sensitive touch
† Standard touch
Reference freeze timeout (see Section 5.3.2:Reference freeze timeout)
† 15-second reference freeze timeout(1)
† 45-second reference freeze timeout
† Infinite reference freeze
TOUT/POUT output mode (see Section 7.2: TOUT/POUT output mode)
† Active mode(1)
† Toggle mode
† 3-second Latch mode
† 30-second Latch mode
Packaging
† Tape & reel
† Tube
Comment :
Date
Signature :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com