Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 26Page - STMicroelectronics STM8T141 Datasheet HTML 27Page - STMicroelectronics STM8T141 Datasheet HTML 28Page - STMicroelectronics STM8T141 Datasheet HTML 29Page - STMicroelectronics STM8T141 Datasheet HTML 30Page - STMicroelectronics STM8T141 Datasheet HTML 31Page - STMicroelectronics STM8T141 Datasheet HTML 32Page - STMicroelectronics STM8T141 Datasheet HTML 33Page - STMicroelectronics STM8T141 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Electrical characteristics
STM8T141
30/50
Doc ID 15699 Rev 7
9.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
9.3
Operating conditions
9.3.1
General operating conditions and supply characteristics
Table 9.
Voltage characteristics
Symbol
Ratings
Maximum value
Unit
VDD  VSS
Supply voltage
5.5
V
Table 10.
Current characteristics
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines (source)
(1)
1.
All power (VDD) and ground (VSS) lines must always be connected to the external supply.
11
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
11
IIO
Output current sunk by output pin
10
Output current sourced by output pin
10
Table 11.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
65 to +150
°C
TJ
Junction temperature range (SO8 narrow and UFDFPN8
packages)
90
°C
Table 12.
Operating characteristics
Symbol
Parameter
Condition
Min.
Max.
Unit
VDD
Supply voltage
Shield feature not used
Shield feature used
2.0
4.5
5.5
5.5
V
TA
Operating temperature
-
-40
85
°C
tVDD
Turn-on slope (Rise time
rate)
01
V/s
Turn-off slope (Fall time
rate)
1(1)
1.
This constraint must be respected only if the voltage does not reach 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com