Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 27Page - STMicroelectronics STM8T141 Datasheet HTML 28Page - STMicroelectronics STM8T141 Datasheet HTML 29Page - STMicroelectronics STM8T141 Datasheet HTML 30Page - STMicroelectronics STM8T141 Datasheet HTML 31Page - STMicroelectronics STM8T141 Datasheet HTML 32Page - STMicroelectronics STM8T141 Datasheet HTML 33Page - STMicroelectronics STM8T141 Datasheet HTML 34Page - STMicroelectronics STM8T141 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
STM8T141
Electrical characteristics
Doc ID 15699 Rev 7
31/50
9.3.2
Average current consumption
Test conditions: TA = 25 °C, CX = 20 pF, CS = 47 nF and RX = 2 k..
Note:
Consumption does not depend on either detection threshold or acquisition rate.
Figure 22.
IDD average current consumption vs RSHIELD
1.
ExtLP = External Low Power mode
2.
LP = Low Power mode
3.
NP = Normal Power mode
Table 13.
Average current consumption without shield
Symbol
Parameter
Conditions
Typ.
Max.
Unit
IDD
Normal Power mode
– Shield output unconnected
– Shield input grounded
– Options other than Low Power are
left in default configuration
30
45(1)
1.
Data based on characterization results, not tested in production.
µA
Low Power
17
Extreme Low Power mode
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com