Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 30Page - STMicroelectronics STM8T141 Datasheet HTML 31Page - STMicroelectronics STM8T141 Datasheet HTML 32Page - STMicroelectronics STM8T141 Datasheet HTML 33Page - STMicroelectronics STM8T141 Datasheet HTML 34Page - STMicroelectronics STM8T141 Datasheet HTML 35Page - STMicroelectronics STM8T141 Datasheet HTML 36Page - STMicroelectronics STM8T141 Datasheet HTML 37Page - STMicroelectronics STM8T141 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Electrical characteristics
STM8T141
34/50
Doc ID 15699 Rev 7
Figure 23.
Sigma variation across VDD
Table 17.
Response times (1)
1.
Values guaranteed by design.
Mode
tSAMPLING = 10 ms
tSAMPLING = 20 ms
Unit
Min.
Max.
Min.
Max.
Normal Power mode
30
50
60
100
ms
Low Power with Zoom mode
30
100
60
200
Extreme Low Power with Zoom mode
30
250
60
500
Extreme Low Power mode
510
850
1020
1700
Table 18.
External sensing component characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
CS
Sampling capacitor (COG or NPO type)(1)
1. For more information about capacitors, please refer to Application note: AN2966.
47
214 x CX
nF
CX
Equivalent electrode capacitance
100
pF
CT
Equivalent touch capacitance
5
RX
Electrode serial resistance
2
22
kOhm
RSHIELD Shield pull-up resistance
1
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com