Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 22Page - STMicroelectronics STM8T141 Datasheet HTML 23Page - STMicroelectronics STM8T141 Datasheet HTML 24Page - STMicroelectronics STM8T141 Datasheet HTML 25Page - STMicroelectronics STM8T141 Datasheet HTML 26Page - STMicroelectronics STM8T141 Datasheet HTML 27Page - STMicroelectronics STM8T141 Datasheet HTML 28Page - STMicroelectronics STM8T141 Datasheet HTML 29Page - STMicroelectronics STM8T141 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
Design guidelines
STM8T141
26/50
Doc ID 15699 Rev 7
8
Design guidelines
8.1
Shield function
The STM8T141 offers a built-in shielding function. This function provides the following
advantages for designing the end-application:
●
Sensing electrode separated from sealed electronics.
●
Sensing wire shielded from unwanted environmental interferences.
●
Enhanced proximity detection when used with battery (DC) applications.
The shield principle consists in actively driving the shield plane or element with the same
signal as that of the electrode. The parasitic capacitance between the electrode and the
shield does not need to be charged anymore and its effect on the sensitivity is cancelled.
Note:
Grounding the shield reduces the sensitivity of the keys and may render the system
unusable.
8.1.1
Shield application example
Ideally, a coaxial cable is used for the shield. A RX (typically 2 k) resistor should be
connected to the CX pin. The other side of the RX resistor should be connected to the center
core of the coaxial cable. The SHLDOUT pin should be connected to the metallic shield part
of the coaxial cable. A pull-up resistor (RSHIELD) should be added between SHLDOUT and
VDD as shown in Figure 20.
The example shown in Figure 20 is given for RX = 2 k, RSHIELD = 100 k, and VDD = 5 V
(a).
This setup has been successfully implemented with a coaxial cable of up to 4 m.
A longer coaxial cable could be used, but this would mean decreasing the RSHIELD resistor,
and consequently increasing current consumption.
Note:
A smaller RSHIELD ensures better shielding but increases current consumption (see
Figure 20).
a.
VDD must range from 4.5 to 5.5 V to use the shield function.Please refer to Table 12: Operating characteristics
for the correct power supply operating voltage when using the shield function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com