Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 38Page - STMicroelectronics STM8T141 Datasheet HTML 39Page - STMicroelectronics STM8T141 Datasheet HTML 40Page - STMicroelectronics STM8T141 Datasheet HTML 41Page - STMicroelectronics STM8T141 Datasheet HTML 42Page - STMicroelectronics STM8T141 Datasheet HTML 43Page - STMicroelectronics STM8T141 Datasheet HTML 44Page - STMicroelectronics STM8T141 Datasheet HTML 45Page - STMicroelectronics STM8T141 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Ordering information
STM8T141
42/50
Doc ID 15699 Rev 7
11
Ordering information
11.1
STM8T141 ordering information scheme
Figure 26.
STM8T141 ordering information scheme
1.
See Table 26: Orderable favorite device lists and the explanation below of “in factory option byte
programming service”
2.
The STM8T141 OTP devices are available for production and development. These parts are blank devices
with unconfigured option bytes (all option bits are set to ‘0’). For more
information, please refer to Section 7: Device operation.
STM8T 141
A
M
XXXY TR
Device type
STM8T: ST touch sensing MCU
Package
M: S08 (small outline)
U: FPN (dual flat no lead)
Packing
No character: tray or tube
TR: tape and reel
Example:
Pin count
A: 8 pins
Device sub-family
141 = 1 channel/proximity
Device configuration
XXXY: device with specific configuration(1)
61T: OTP blank device (all user bits set to 0)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com