Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 28Page - STMicroelectronics STM8T141 Datasheet HTML 29Page - STMicroelectronics STM8T141 Datasheet HTML 30Page - STMicroelectronics STM8T141 Datasheet HTML 31Page - STMicroelectronics STM8T141 Datasheet HTML 32Page - STMicroelectronics STM8T141 Datasheet HTML 33Page - STMicroelectronics STM8T141 Datasheet HTML 34Page - STMicroelectronics STM8T141 Datasheet HTML 35Page - STMicroelectronics STM8T141 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Electrical characteristics
STM8T141
32/50
Doc ID 15699 Rev 7
9.3.3
Output characteristics
9.4
Regulator and reference voltage
Table 14.
Output pin characteristics
Symbol
Parameter
Conditions
Typ.
Max.
Unit
VOL
VDD = 5 V
ILOAD = 8 mA
1200
1600
mV
ILOAD = 4 mA
540
750
ILOAD = 2 mA
250
450
VDD = 3.3 V
ILOAD = 4 mA
650
1000
ILOAD = 2 mA
320
500
VDD = 2.9 V
ILOAD = 2 mA
400
500
VDD = 2.0 V
ILOAD = 1 mA
300
500
VOH
VDD = 5 V
ILOAD = –2 mA
4.7
V
ILOAD = –4 mA
4.4
ILOAD = –8 mA
3.9
VDD = 3.3 V
ILOAD = –2 mA
3.0
ILOAD = –4 mA
2.7
VDD = 2.9 V
ILOAD = –2 mA
2.5
VDD = 2.0 V
ILOAD = -100 µA
1.8
tHIGH
Output minimum high time
40
ms
tLOW
Output minimum low time
40
Table 15.
Regulator and reference voltage
Symbol
Parameter
Min.
Typ.
Max.
Unit
Cref
Voltage regulator decoupling
capacitance(1)
1.
Equivalent serial Rresistor 0.2  at 1 MHz.
110
µF
Vreg
Regulated voltage during acquisition
2.1
V
Vtrip
End of acquisition reference voltage
0.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com