Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 31Page - STMicroelectronics STM8T141 Datasheet HTML 32Page - STMicroelectronics STM8T141 Datasheet HTML 33Page - STMicroelectronics STM8T141 Datasheet HTML 34Page - STMicroelectronics STM8T141 Datasheet HTML 35Page - STMicroelectronics STM8T141 Datasheet HTML 36Page - STMicroelectronics STM8T141 Datasheet HTML 37Page - STMicroelectronics STM8T141 Datasheet HTML 38Page - STMicroelectronics STM8T141 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
STM8T141
Electrical characteristics
Doc ID 15699 Rev 7
35/50
9.6
EMC characteristics
Susceptibility and emission tests are performed on a sample basis during product
characterization.
Both the sample and its applicative hardware environment (Figure 10) are mounted on a
dedicated specific EMC board defined in the IEC61967-1 standard.
9.6.1
Functional EMS (electromagnetic susceptibility)
While running in the above described environment the product is stressed by two
electromagnetic events until a failure occurs.
ESD: Electrostatic discharge (positive and negative) is applied on all pins of the device
until a functional disturbance occurs. This test complies with the IEC 1000-4-2
standard.
FTB: A burst of fast transient voltage (positive and negative) is applied to VDD and VSS
through a 100 pF capacitor, until a functional disturbance occurs. This test complies
with the IEC 1000-4-4 standard.
A device reset allows normal operations to be resumed. The test results are given in
Table 19 based on the EMS levels and classes defined in application note AN1709.
9.6.2
Prequalification trials
Table 19.
EMS data
Symbol
Parameter
Conditions
Level/class
VFESD
Voltage limits to be applied on any pin to
induce a functional disturbance
VDD 5 V, TA+25 °C, SO8
(Narrow) package, complies
with IEC 1000-4-2
1B
VEFTB
Fast transient voltage burst limits to be
applied through 100pF on VDD and VSS pins
to induce a functional disturbance
VDD5 V, TA+25 °C, SO8
(Narrow) package, complies
with IEC 1000-4-4
4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com